Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC02B Datasheet(PDF) 7 Page - Microchip Technology

Part # 24LC02B
Description  1K/2K I 2 C ??Serial EEPROMs in ISO Micromodules
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC02B Datasheet(HTML) 7 Page - Microchip Technology

Back Button 24LC02B Datasheet HTML 3Page - Microchip Technology 24LC02B Datasheet HTML 4Page - Microchip Technology 24LC02B Datasheet HTML 5Page - Microchip Technology 24LC02B Datasheet HTML 6Page - Microchip Technology 24LC02B Datasheet HTML 7Page - Microchip Technology 24LC02B Datasheet HTML 8Page - Microchip Technology 24LC02B Datasheet HTML 9Page - Microchip Technology 24LC02B Datasheet HTML 10Page - Microchip Technology 24LC02B Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
24LC01B/02B Modules
© 1997 Microchip Technology Inc.
DS21222A-page 7
FIGURE 7-1:
CURRENT ADDRESS READ
FIGURE 7-1:
RANDOM READ
FIGURE 7-2:
SEQUENTIAL READ
S
P
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
CONTROL
BYTE
DATA n
A
C
K
N
O
A
C
K
S
T
O
P
S
P
S
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
S
T
O
P
CONTROL
BYTE
WORD
ADDRESS (n)
DATA n
A
C
K
A
C
K
N
O
A
C
K
CONTROL
BYTE
A
C
K
S
T
A
R
T
P
SDA LINE
BUS ACTIVITY
S
T
O
P
CONTROL
BYTE
DATA n
A
C
K
N
O
A
C
K
A
C
K
A
C
K
A
C
K
DATA n + 1
DATA n + 2
DATA n + X
BUS ACTIVITY
MASTER


Similar Part No. - 24LC02B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC02B MICROCHIP-24LC02B Datasheet
337Kb / 24P
   2K I2C Serial EEPROM
2003
24LC02B MICROCHIP-24LC02B Datasheet
401Kb / 26P
   2K I2C??Serial EEPROM
2007
24LC02B MICROCHIP-24LC02B Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
24LC02B MICROCHIP-24LC02B Datasheet
324Kb / 26P
   2K I2C Serial EEPROM
12/08/06
24LC02B-E/LT MICROCHIP-24LC02B-E/LT Datasheet
605Kb / 32P
   2K I2C??Serial EEPROM
2009
More results

Similar Description - 24LC02B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC08B MICROCHIP-24LC08B Datasheet
453Kb / 12P
   8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
1997
24AA01 MICROCHIP-24AA01 Datasheet
74Kb / 12P
   1K/2K 1.8V I 2 C O Serial EEPROMs
1996
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
   1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24C01B MICROCHIP-24C01B Datasheet
162Kb / 12P
   1K/2K 5.0V I 2 C ??Serial EEPROM
1997
24LCS61 MICROCHIP-24LCS61 Datasheet
426Kb / 16P
   1K/2K Software Addressable I 2 C ??Serial EEPROM
1997
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
ATMEL Corporation
AT25040A ATMEL-AT25040A Datasheet
392Kb / 18P
   SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
logo
Microchip Technology
24C01SC MICROCHIP-24C01SC_04 Datasheet
227Kb / 16P
   1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
24C01SC MICROCHIP-24C01SC Datasheet
84Kb / 12P
   1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com