Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LW613 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # LW613
Description  High-Brightness White
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

LW613 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  LW613 Datasheet HTML 1Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIMENSIONS (Unit : mm)
外形寸法
3.5
(φ3.1)
3.2
LW613-003
推奨ランドパターン図(Recommended Soldering Pattern)
0.9
4×R0.5
3.5
4.2
PIN Connections
① Anode
② Cathode
③ 放熱用 LAND
  (Floating)
LW613-005
① Anode
② Cathode
LW613 series
高輝度白色
表面実装
トップビューパッケージ
High-Brightness White
SMD Top View Package
品 番
Part No.
発光色
Emitted Color
チップ
Chip
特 徴
Features
サイズ(mm)
Size
LW613-003
3in1
3.5×3.5
t=0.95
LW613-005
1in1
Item
逆電圧
Reverse Voltage
順電流
Forward Current
許容損失
Power Dissipation
動作温度
Operating Temp .
保存温度
Storage Temp .
半田付け温度
Soldering Temp.
Symbol
VR
IF
PD
Topr.
Tstg.
Tsol.
Unit
VmA
mW
˚C
˚C
˚C
Data
LW613-003
15
50
570
-30~+85
-40~+100
260
LW613-005
5
150
※最大5秒以内
Maximum 5s
最大定格
MAXIMUM RATINGS
Ta=25˚C
Item
順電圧
Forward Voltage
色度
Color Coordinate s
光度
Luminous Intensity
光束
Luminous Flux
指向角
Viewing Angle
順電流条件
IF Conditions
M in.
Typ.
Max.
M in.
Typ.
Max.
M in.
Typ.
Max.
Typ.
Typ.
Symbol
VF
(x, y)
IV
φV
2θ1/2
Unit
V
-
cd
lm
deg
mA
Data
LW613-003
7.1
9.6
11.4
(0.320, 0.330)
-
7.1
-
(19.8)
120
50
LW613-005
2.7
3.2
3.8
(0.320, 0.330)
-
9.5
-
(26.5)
100
電気的光学的特性
ELECTRO-OPTICAL CHARACTERISTICS
Ta=25˚C
LW613-005
LW613-003
Forward current vs. Ambient temperature
順電流 - 周囲温度特性
Relative Iuminous intensity vs. Wavelength
発光波長分布特性
Relative Iuminous intensity vs. Forward current
光度 - 順電流特性
Forward current vs. Forward voltage
順電流 - 順電圧特性
Radiation pattern
指向特性
CHROMATICITY COORDINATES RANK
色度ランク分類
(Ta=25˚C)
(Ta=25˚C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Wavelength [nm]
300
400
500
600
700
800
Angle (deg)
100
100
0
5
0
50
Relative Iuminous intensity (% )
50
+80
+60
+40
+20
0
-80
-60
-40
-20
Forward current IF [mA]
1
10
0.01
0.1
1
10
100
1000
Forward voltage VF [V ]
10
100
1000
1
24
6
8
10
1
357
9
12
14
11
13
15
0
Ambient temperature Ta [˚C]
-40
-20
0
100
80
60
40
20
0
40
20
60
80
100
120
140
160
█白色(A0∼7,B0∼9,C0∼9,D0∼D9,E0∼E9,F0∼F9,G0∼9,H0∼9)
LW613-003
LW613-005
LW613-003
LW613-005
LW613-003
LW613-005
(Ta=25˚C)
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.30
0.34
0.38
0.42
0.46
0.50
x
特 徴
高輝度 3chip タイプ
薄型表面実装パッケージ
High Brightness 3chip Type
Thin SMD Package
高放熱性パッケージ
高演色性
High Heat Release Package
High Color-Rendition
FEATURES
用 途
電飾
遊技機器
Illuminations
Amusement
照明
スキャナ読み取り光源
Lighting
Scanner Reading Light Source
バックライト光源
表示灯
Back Light Source
Indicators
APPLICATIONS
RoH S
Pb
Free
RoHS指令準拠
鉛フリー
本資料に記載しております内容は、技術の改良、進歩等によって予告なしに変更されることがあります。
ご使用の際には、仕様書をご用命の上、内容の確認をお願い致します。
The contents of this data sheet are subject to change without advance notice for the purpose of improvement. When using this product, please refer to the latest specifications.
May.2014
URL http://www.kodenshi.co.jp
E-mail info-rd@kodenshi.co.jp
0.5Wタイプ・高輝度 / 0.5W Type・High Brightness
0.5Wタイプ・高輝度 / 0.5W Type・High Brightness


Similar Part No. - LW613

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LW611 SEOUL-LW611 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LW611 SEOUL-LW611 Datasheet
360Kb / 13P
   CYAN LAMP LED
LW611 SEOUL-LW611 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LW611 SEOUL-LW611 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LW611 SEOUL-LW611 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LW613

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
LW821 KODENSHI-LW821 Datasheet
380Kb / 1P
   High-Brightness White
LWB04 KODENSHI-LWB04 Datasheet
363Kb / 1P
   High-Brightness White
LW801 KODENSHI-LW801 Datasheet
384Kb / 1P
   High-Brightness White
LW806 KODENSHI-LW806 Datasheet
405Kb / 1P
   High-Brightness White
LW808 KODENSHI-LW808 Datasheet
316Kb / 1P
   High-Brightness White
LW813 KODENSHI-LW813 Datasheet
330Kb / 1P
   High-Brightness White
LW825 KODENSHI-LW825 Datasheet
308Kb / 1P
   High-Brightness White
LW822 KODENSHI-LW822 Datasheet
331Kb / 1P
   High-Brightness White
LWB08 KODENSHI-LWB08 Datasheet
297Kb / 1P
   High-Brightness White
LW815 KODENSHI-LW815 Datasheet
357Kb / 1P
   High-Brightness White
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com