Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13003ADGP-TM3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 13003ADGP-TM3-T
Description  NPN SILICON POWER TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

13003ADGP-TM3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  13003ADGP-TM3-T Datasheet HTML 1Page - Unisonic Technologies 13003ADGP-TM3-T Datasheet HTML 2Page - Unisonic Technologies 13003ADGP-TM3-T Datasheet HTML 3Page - Unisonic Technologies 13003ADGP-TM3-T Datasheet HTML 4Page - Unisonic Technologies 13003ADGP-TM3-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
13003ADG
Preliminary
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R223-023.c
NPN SILICON POWER
TRANSISTOR
DESCRIPTION
These devices are designed for high-voltage, high-speed
power switching inductive circuits where fall time is critical. They
are particularly suited for 115 and 220V applications in switch
mode.
FEATURES
* Reverse biased SOA with inductive load @ TC=100°C
* Inductive switching matrix 0.5 ~ 1.5 Amp, 25 and 100°C
Typical tC = 290ns @ 1A, 100°C.
* 700V blocking capability
APPLICATIONS
* Switching regulator’s, inverters
* Motor controls
* Solenoid/relay drivers
* Deflection circuits
EQUIVALENT CIRCUIT
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
13003ADGL-TM3-T
13003ADGP-TM3-T
TO-251
B
C
E
Tube
13003ADGL-T60-F-K
13003ADGP-T60-F-K
TO-126
B
C
E
Bulk
13003ADGL-T92-F-B
13003ADGP-T92-F-B
TO-92
B
C
E
Tape Box
13003ADGL-T92-F-K
13003ADGP-T92-F-K
TO-92
B
C
E
Bulk
Note: Pin Assignment: B: Base
C: Collector
E: Emitter
(1) T: Tube, B: Bluk, K: Bulk
(2) refer to Pin Assignment
(3) TM3: TO-251, T60: TO-126, T92: TO-92
(4) L: Lead Free, P: Halogen Free
13003ADGL-T60-F-B
(1)Packing Type
(2)Pin Assignment
(3)Package Type
(4)Lead Free


Similar Part No. - 13003ADGP-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
13003ADGP-TM3-T UTC-13003ADGP-TM3-T Datasheet
151Kb / 5P
   NPN SILICON POWER TRANSISTOR
More results

Similar Description - 13003ADGP-TM3-T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com