Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13005BAL-T92-F-B Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 13005BAL-T92-F-B
Description  NPN SILICON POWER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

13005BAL-T92-F-B Datasheet(HTML) 2 Page - Unisonic Technologies

  13005BAL-T92-F-B Datasheet HTML 1Page - Unisonic Technologies 13005BAL-T92-F-B Datasheet HTML 2Page - Unisonic Technologies 13005BAL-T92-F-B Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
13005BA
Preliminary
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R201-089.c
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
VCEO(SUS)
400
V
Collector-Emitter Voltage (VBE=0)
VCES
800
V
Collector-Base Voltage
VCBO
800
V
Emitter Base Voltage
VEBO
9
V
Collector Current
Continuous
IC
3
A
Peak (1)
ICM
8
A
Base Current
Continuous
IB
2
A
Peak (1)
IBM
4
A
Emitter Current
Continuous
IE
6
A
Peak (1)
IEM
12
A
Power Dissipation at TA=25°С
PD
1
W
Junction Temperature
TJ
-65 ~ +150
°С
Storage Temperature Range
TSTG
-65 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
150
°С/W
Junction to Case
θJC
112
°С/W
ELECTRICAL CHARACTERISTICS (TC=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
(Note 1)
Collector-Emitter Sustaining Voltage
VCEO(SUS) IC=10mA , IB=0
800
V
Collector Cutoff Current
ICBO
VCBO=Rated Value, VBE(OFF)=1.5V
1
mA
VCBO=Rated Value,
VBE(OFF)=1.5V, TC=100°С
5
Emitter Cutoff Current
IEBO
VEB=9V, IC=0
1
mA
ON CHARACTERISTICS
(Note 1)
DC Current Gain
hFE1
IC=0.5A, VCE=5V
15
50
hFE2
IC=1A, VCE=5V
10
60
hFE3
IC=2A, VCE=5V
8
40
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=1A, IB=0.2A
0.5
V
IC=2A, IB=0.5A
0.6
V
IC=4A, IB=1A
1
V
IC=2A, IB=0.5A, TA=100°С
1
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC=1A, IB=0.2A
1.2
V
IC=2A, IB=0.5A
1.6
V
IC=2A, IB=0.5A, TC=100°С
1.5
V
DYNAMIC CHARACTERISTICS
Current-Gain-Bandwidth Product
fT
IC=500mA, VCE=10V, f=1MHz
4
MHz
Output Capacitance
COB
VCB=10V, IE=0, f=0.1MHz
65
pF
SWITCHING CHARACTERISTICS
Resistive Load (Table 1)
Delay Time
tD
VCC=125V, IC=2A, IB1=IB2=0.4A,
tP=25μs, Duty Cycle≤1%
0.025
0.1
μs
Rise Time
tR
0.3
0.7
μs
Storage Time
tS
1.7
4
μs
Fall Time
tF
0.4
0.9
μs
Notes: 1. Pulse Test: Pulse Width=5ms, Duty Cycle≤10%
Note: 2. Pulse Test: PW=300μs, Duty Cycle≤2%


Similar Part No. - 13005BAL-T92-F-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
13005BAL-T92-B UTC-13005BAL-T92-B Datasheet
155Kb / 3P
   NPN SILICON POWER TRANSISTORS
13005BAL-T92-K UTC-13005BAL-T92-K Datasheet
155Kb / 3P
   NPN SILICON POWER TRANSISTORS
13005BAL-T92-R UTC-13005BAL-T92-R Datasheet
155Kb / 3P
   NPN SILICON POWER TRANSISTORS
More results

Similar Description - 13005BAL-T92-F-B

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com