Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13005BAL-T92-F-K Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 13005BAL-T92-F-K
Description  NPN SILICON POWER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

13005BAL-T92-F-K Datasheet(HTML) 1 Page - Unisonic Technologies

  13005BAL-T92-F-K Datasheet HTML 1Page - Unisonic Technologies 13005BAL-T92-F-K Datasheet HTML 2Page - Unisonic Technologies 13005BAL-T92-F-K Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
13005BA
Preliminary
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R201-089.c
NPN SILICON POWER
TRANSISTORS
DESCRIPTION
These devices are designed for high-voltage, high-speed
power switching inductive circuits where fall time is critical.
They are particularly suited for 115 and 220 V SWITCHMODE.
FEATURES
* VCEO(SUS)= 800 V
* Reverse bias SOA with inductive loads @ TC = 100°С
* Inductive switching matrix 2 to 4 Amp, 25 and 100°С
tC @ 3A, 100°С is 180 ns (Typ)
* 800V blocking capability
* SOA and switching applications information
APPLICATIONS
* Switching regulator’s, inverters
* Motor controls
* Solenoid/Relay drivers
* Deflection circuits
TO-92
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
13005BAL-T92-A-B
13005BAG-T92-A-B
TO-92
E
C
B
Tape Box
13005BAL-T92-A-K
13005BAG-T92-A-K
TO-92
E
C
B
Bulk
13005BAL-T92-F-B
13005BAG-T92-F-B
TO-92
B
C
E
Tape Box
13005BAL-T92-F-K
13005BAG-T92-F-K
TO-92
B
C
E
Bulk
Note: Pin assignment: E: Emitter
C: Collector
B: Base
(1) B: Bluk, K: Bulk
(2) refer to Pin Assignment
(3) T92: TO-92
(4) L: Lead Free, G: Halogen Free
13005BAL-T92-A-B
(1)Packing Type
(2)Pin Assignment
(3)Package Type
(4)Lead Free
MARKING


Similar Part No. - 13005BAL-T92-F-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
13005BAL-T92-B UTC-13005BAL-T92-B Datasheet
155Kb / 3P
   NPN SILICON POWER TRANSISTORS
13005BAL-T92-K UTC-13005BAL-T92-K Datasheet
155Kb / 3P
   NPN SILICON POWER TRANSISTORS
13005BAL-T92-R UTC-13005BAL-T92-R Datasheet
155Kb / 3P
   NPN SILICON POWER TRANSISTORS
More results

Similar Description - 13005BAL-T92-F-K

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com