Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTB123E Datasheet(PDF) 1 Page - Unisonic Technologies

Part # DTB123E
Description  DIGITAL TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTB123E Datasheet(HTML) 1 Page - Unisonic Technologies

  DTB123E Datasheet HTML 1Page - Unisonic Technologies DTB123E Datasheet HTML 2Page - Unisonic Technologies DTB123E Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
DTB123E
Preliminary
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R225-005.a
DIGITAL TRANSISTORS
(BUILT- IN BIAS RESISTORS)
FEATURES
* Built-in bias resistors that implies easy ON/OFF applications.
* The bias resistors are thin-film resistors with complete isolation to
allow positive input.
EQUIVALENT CIRCUIT
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
1
2
3
DTB123EG-AE3-R
SOT-23
G
I
O
Tape Reel
Note: Pin assignment: G: GND
I: IN
O: OUT
DTB123EG-AE3-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) AE3: SOT-23
(3) G: Halogen Free and Lead Free
(3)Green Package
MARKING


Similar Part No. - DTB123E

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB123E ROHM-DTB123E Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
DTB123EC ROHM-DTB123EC Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor
DTB123ECHZG ROHM-DTB123ECHZG Datasheet
1Mb / 9P
   500mA/-50V Digital transistor (with built-in resistor)
DTB123EK ROHM-DTB123EK Datasheet
70Kb / 3P
   Digital transistors (built-in resistors)
DTB123EK ROHM-DTB123EK Datasheet
142Kb / 3P
   -500mA / -50V Digital transistors (with built-in resistors)
More results

Similar Description - DTB123E

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LTA014EMT2L ZHAOXINGWEI-LTA014EMT2L Datasheet
230Kb / 3P
   Digital Transistors
logo
Unisonic Technologies
DTA114T UTC-DTA114T_15 Datasheet
175Kb / 3P
   DIGITAL TRANSISTORS
DTA115T UTC-DTA115T_15 Datasheet
167Kb / 3P
   DIGITAL TRANSISTORS
DTB123Y UTC-DTB123Y_15 Datasheet
211Kb / 3P
   DIGITAL TRANSISTORS
logo
Guangdong Kexin Industr...
DTA114EE KEXIN-DTA114EE Datasheet
178Kb / 3P
   Digital Transistors
DTA114TCA KEXIN-DTA114TCA Datasheet
126Kb / 2P
   Digital Transistors
logo
Micro Commercial Compon...
DTC123ECA MCC-DTC123ECA Datasheet
245Kb / 2P
   Digital Transistors
DTC123JUA MCC-DTC123JUA_13 Datasheet
251Kb / 3P
   Digital Transistors
logo
Guangdong Kexin Industr...
DTA124EUA KEXIN-DTA124EUA Datasheet
97Kb / 2P
   Digital Transistors
logo
Micro Commercial Compon...
DTA123JCA MCC-DTA123JCA_13 Datasheet
238Kb / 3P
   Digital Transistors
DTA123JCA MCC-DTA123JCA_09 Datasheet
132Kb / 3P
   Digital Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com