Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC41 Datasheet(PDF) 5 Page - Microchip Technology

Part # 24LC41
Description  1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC41 Datasheet(HTML) 5 Page - Microchip Technology

  24LC41 Datasheet HTML 1Page - Microchip Technology 24LC41 Datasheet HTML 2Page - Microchip Technology 24LC41 Datasheet HTML 3Page - Microchip Technology 24LC41 Datasheet HTML 4Page - Microchip Technology 24LC41 Datasheet HTML 5Page - Microchip Technology 24LC41 Datasheet HTML 6Page - Microchip Technology 24LC41 Datasheet HTML 7Page - Microchip Technology 24LC41 Datasheet HTML 8Page - Microchip Technology 24LC41 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 1996 Microchip Technology Inc.
DS21140B-page 5
24LC41
2.1.3
BI-DIRECTIONAL MODE
The DDC Monitor Port can be switched into the bi-
directional Mode (Figure 2-3) by applying a valid high to
low transition on the bi-directional Mode Clock (DSCL).
When the device has been switched into the bi-direc-
tional Mode, the VCLK/DWP input is disregarded, with
the exception that a logic high level is required to
enable write capability. This mode supports a 2-wire bi-
directional data transmission protocol. In this protocol,
a device that sends data on the bus is defined to be the
transmitter, and a device that receives data from the
bus is defined to be the receiver. The bus must be con-
trolled by a master device that generates the bi-direc-
tional Mode Clock (DSCL), controls access to the bus
and generates the START and STOP conditions, while
the DDC Monitor Port acts as the slave. Both master
and slave can operate as transmitter or receiver, but the
master device determines which mode is activated.
2.2
Microcontroller Access Port
The Microcontroller Access Port supports a bi-direc-
tional 2-wire bus and data transmission protocol. A
device that sends data onto the bus is defined as trans-
mitter, and a device receiving data as receiver. The bus
has to be controlled by a master device which gener-
ates the serial clock (MSCL), controls the bus access,
and generates the START and STOP conditions, while
the Microcontroller Access Port works as slave. Both
master and slave can operate as transmitter or receiver,
but the master device determines which mode is acti-
vated.
FIGURE 2-3:
MODE TRANSITION
DSCL
DSDA
VCLK/DWP
Bi-Directional Mode
TVHZ
Transmit Only Mode


Similar Part No. - 24LC41

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC41 MICROCHIP-24LC41 Datasheet
139Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2004
24LC41A MICROCHIP-24LC41A Datasheet
233Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
24LC41A-/P MICROCHIP-24LC41A-/P Datasheet
233Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
24LC41A-I/P MICROCHIP-24LC41A-I/P Datasheet
233Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
24LC41IP MICROCHIP-24LC41IP Datasheet
139Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2004
More results

Similar Description - 24LC41

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS21 MICROCHIP-24LCS21 Datasheet
91Kb / 12P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LC21 MICROCHIP-24LC21 Datasheet
81Kb / 12P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
2004
24LCS21A MICROCHIP-24LCS21A Datasheet
115Kb / 16P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LCS21 MICROCHIP-24LCS21_05 Datasheet
378Kb / 24P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
2005
24LC21A MICROCHIP-24LC21A_03 Datasheet
239Kb / 18P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
2003
24LC21A MICROCHIP-24LC21A Datasheet
115Kb / 16P
   1K 2.5V Dual Mode I 2 C Serial EEPROM
2003
24LC41 MICROCHIP-24LC41_04 Datasheet
139Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2004
24LC41A MICROCHIP-24LC41A Datasheet
233Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
24LC21 MICROCHIP-24LC21_13 Datasheet
379Kb / 24P
   1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC21A MICROCHIP-24LC21A Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com