Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9V3040D3SG-TQ2-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ISL9V3040D3SG-TQ2-T
Description  N-CHANNEL JUNCTION FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ISL9V3040D3SG-TQ2-T Datasheet(HTML) 1 Page - Unisonic Technologies

  ISL9V3040D3SG-TQ2-T Datasheet HTML 1Page - Unisonic Technologies ISL9V3040D3SG-TQ2-T Datasheet HTML 2Page - Unisonic Technologies ISL9V3040D3SG-TQ2-T Datasheet HTML 3Page - Unisonic Technologies ISL9V3040D3SG-TQ2-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ISL9V3040D3S
Insulated Gate Bipolar Transistor
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R219-011.F
300mJ, 400V, N-CHANNEL
IGNITION IGBT
DESCRIPTION
The UTC ISL9V3040D3S is an N-channel ignition Insulated
Gate Bipolar Transistor. It uses UTC’s advanced technology to
provide customers with outstanding SCIS capability.
The UTC ISL9V3040D3S is suitable for Coil –On plug
applications and Automotive Ignition Coil driver circuits, etc.
FEATURES
* Outstanding SCIS capability
* Logic level gate drive
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
ISL9V3040D3SL-TA3-T
ISL9V3040D3SG-TA3-T
TO-220
G
C
E
Tube
ISL9V3040D3SL-TF3-T
ISL9V3040D3SG-TF3-T
TO-220F
G
C
E
Tube
ISL9V3040D3SL-TN3-R
ISL9V3040D3SG-TN3-R
TO-252
G
C
E
Tape Reel
ISL9V3040D3SL-TQ2-T
ISL9V3040D3SG-TQ2-T
TO-263
G
C
E
Tube
ISL9V3040D3SL-TQ2-R
ISL9V3040D3SG-TQ2-R
TO-263
G
C
E
Tape Reel
Note: Pin Assignment: G: Gate
C: Collector
E: Emitter
ISL9V3040D3SL-TA3-T
(1)Packing Type
(2)Package Type
(3)Green Package
(1) T: Tube, R: Tape Reel
(2) TA3: TO-220, TF3: TO-220F, TN3: TO-252
TQ2: TO-263
(3) L: Lead Free, G: Halogen Free and Lead Free
MARKING


Similar Part No. - ISL9V3040D3SG-TQ2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ISL9V3040D3SG-TA3-T UTC-ISL9V3040D3SG-TA3-T Datasheet
168Kb / 4P
   300mJ, 400V, N-CHANNEL IGNITION IGBT
ISL9V3040D3SG-TF3-T UTC-ISL9V3040D3SG-TF3-T Datasheet
168Kb / 4P
   300mJ, 400V, N-CHANNEL IGNITION IGBT
More results

Similar Description - ISL9V3040D3SG-TQ2-T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TF222 SANYO-TF222 Datasheet
51Kb / 4P
   N-channel Junction FET
logo
List of Unclassifed Man...
2N5432 ETC-2N5432 Datasheet
226Kb / 2P
   N CHANNEL JUNCTION FET
RJN1164 ETC1-RJN1164 Datasheet
175Kb / 4P
   N-Channel Junction FET
logo
Panasonic Semiconductor
XP1D874 PANASONIC-XP1D874 Datasheet
28Kb / 2P
   N-channel junction FET
logo
Micro Electronics
BF245 MICRO-ELECTRONICS-BF245 Datasheet
47Kb / 1P
   N-CHANNEL JUNCTION FET
logo
NXP Semiconductors
BF862 NXP-BF862_00 Datasheet
87Kb / 12P
   N-channel junction FET
2000 Jan 05
logo
Unisonic Technologies
2SK2751 UTC-2SK2751_07 Datasheet
71Kb / 4P
   N-CHANNEL JUNCTION FET
logo
Quanzhou Jinmei Electro...
BF862 JMNIC-BF862_15 Datasheet
87Kb / 12P
   N-channel junction FET
logo
AUK corp
STK596M AUK-STK596M Datasheet
342Kb / 5P
   N-Channel Junction FET
logo
List of Unclassifed Man...
FN22 ETC1-FN22 Datasheet
221Kb / 2P
   N-CHANNEL JUNCTION FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com