Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3-0516-5Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI3-0516-5Z
Description  16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-0516-5Z Datasheet(HTML) 1 Page - Intersil Corporation

  HI3-0516-5Z Datasheet HTML 1Page - Intersil Corporation HI3-0516-5Z Datasheet HTML 2Page - Intersil Corporation HI3-0516-5Z Datasheet HTML 3Page - Intersil Corporation HI3-0516-5Z Datasheet HTML 4Page - Intersil Corporation HI3-0516-5Z Datasheet HTML 5Page - Intersil Corporation HI3-0516-5Z Datasheet HTML 6Page - Intersil Corporation HI3-0516-5Z Datasheet HTML 7Page - Intersil Corporation HI3-0516-5Z Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
FN3146.4
HI-516
16-Channel/Differential 8-Channel, CMOS
High Speed Analog Multiplexer
The Hl-516 is a monolithic, dielectrically isolated, high-
speed, high-performance CMOS analog multiplexer. It
offers unique built-in channel selection decoding plus an
inhibit input for disabling all channels. The dual function of
address input A3 enables the Hl-516 to be user
programmed either as a single ended 16-Channel
multiplexer by connecting ‘out A’ to ‘out B’ and using A3 as
a digital address input, or as an 8-Channel differential
multiplexer by connecting A3 to the V- supply. The
substrate leakages and parasitic capacitances are reduced
substantially by using the Intersil Dielectric Isolation
process to achieve optimum performance in both high and
low level signal applications. The low output leakage
current (lD(OFF) < 100pA at 25
oC) and fast settling
(tSETTLE = 800ns to 0.01%) characteristics of the device
make it an ideal choice for high speed data acquisition
systems, precision instrumentation, and industrial process
control.
For MIL-STD-883 compliant parts, request the Hl-516/883
data sheet.
Features
• Access Time (Typical) . . . . . . . . . . . . . . . . . . . . . . . 130ns
• Settling Time . . . . . . . . . . . . . . . . . . . . . . . . 250ns (0.1%)
• Low Leakage (Typical)
-IS(OFF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10pA
-ID(OFF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30pA
• Low Capacitance (Max)
-CS(OFF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10pF
-CD(OFF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25pF
• Off Isolation at 500kHz . . . . . . . . . . . . . . . . . . 55dB (Min)
• Low Charge Injection Error . . . . . . . . . . . . . . . . . . . 20mV
• Single Ended to Differential Selectable (SDS)
• Logic Level Selectable (LLS)
Pb-Free Available (RoHS Compliant)
Applications
• Data Acquisition Systems
• Precision Instrumentation
• Industrial Control
Pinout
HI-516 (PDIP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
DWG. #
HI3-0516-5
0 to 75
28 Ld PDIP
E28.6
HI3-0516-5Z
(See Note)
0 to 75
28 Ld PDIP*
(Pb-free)
E28.6
*
Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
V+
OUT B
NC
IN 16/8B
IN 15/7B
IN 14/6B
IN 13/5B
IN 12/4B
IN 11/3B
IN 10/2B
IN 9/1B
GND
VDD/LLS
A3/SDS
OUT A
IN 8/8A
IN 7/7A
IN 6/6A
IN 5/5A
IN 3/3A
IN 1/1A
ENABLE
A0
A1
A2
V-
IN 4/4A
IN 2/2A
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Data Sheet
April 1, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2000, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HI3-0516-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-0516-5Z INTERSIL-HI3-0516-5Z Datasheet
324Kb / 8P
   16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
logo
Renesas Technology Corp
HI3-0516-5Z RENESAS-HI3-0516-5Z Datasheet
619Kb / 8P
   16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
More results

Similar Description - HI3-0516-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-516 INTERSIL-HI-516 Datasheet
516Kb / 8P
   16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
October 1999
logo
Renesas Technology Corp
HI-516 RENESAS-HI-516 Datasheet
619Kb / 8P
   16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
logo
Intersil Corporation
HI-516 INTERSIL-HI-516_05 Datasheet
324Kb / 8P
   16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
HI-518 INTERSIL-HI-518_06 Datasheet
294Kb / 8P
   8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer
HI-518 INTERSIL-HI-518 Datasheet
170Kb / 8P
   8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer
June 1999
logo
Renesas Technology Corp
HI-518 RENESAS-HI-518 Datasheet
530Kb / 8P
   8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer
logo
Intersil Corporation
HS-0506RH INTERSIL-HS-0506RH Datasheet
1Mb / 14P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexer
logo
Texas Instruments
CD74HC4067 TI-CD74HC4067 Datasheet
45Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067SM TI-CD74HC4067SM Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067M96 TI-CD74HCT4067M96 Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com