Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG409DVZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # DG409DVZ
Description  Single 8-Channel/Differential 4-Channel, CMOS Analog Multiple
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG409DVZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button DG409DVZ Datasheet HTML 7Page - Intersil Corporation DG409DVZ Datasheet HTML 8Page - Intersil Corporation DG409DVZ Datasheet HTML 9Page - Intersil Corporation DG409DVZ Datasheet HTML 10Page - Intersil Corporation DG409DVZ Datasheet HTML 11Page - Intersil Corporation DG409DVZ Datasheet HTML 12Page - Intersil Corporation DG409DVZ Datasheet HTML 13Page - Intersil Corporation DG409DVZ Datasheet HTML 14Page - Intersil Corporation DG409DVZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
FN3283.8
June 13, 2006
FIGURE 22. POSITIVE SUPPLY CURRENT vs TEMPERATURE
(DG408)
FIGURE 23. CHARGE INJECTION vs ANALOG VOLTAGE
FIGURE 24. rDS(ON) vs VD AND SUPPLY
FIGURE 25. rDS(ON) vs VD (SINGLE SUPPLY)
FIGURE 26. rDS(ON) vs VS AND TEMPERATURE
FIGURE 27. rDS(ON) vs VS AND TEMPERATURE
(SINGLE SUPPLY)
Typical Performance Curves (Continued)
V+ = 15V
V- = -15V
VIN = 0V
VEN = 0V
20
15
10
5
0
-55
5
125
TEMPERATURE (°C)
45
85
90
80
70
60
50
40
30
20
10
0
-10
-15
-10
-5
0
5
10
VS (V)
CL = 10,000pF
VIN = 5VP-P
V+ = 12V
V- = 0V
V+ = 15V
V- = -15V
15
120
100
80
60
40
20
0
-20 -16
-12
-8
-4
0
4
8
12
16
20
VD (V)
±10V
±5V
±8V
±12V
±15V
±20V
160
140
120
100
80
60
0
04
8
12
16
20
22
VD (V)
10V
12V
15V
20V
40
20
22V
V+ = 7.5V
V- = 0V
80
70
60
50
40
30
0
-15
0
15
VS (V)
20
10
V+ = 15V
V- = -15V
25°C
125°C
-55°C
85°C
-40°C
0°C
130
110
90
70
50
30
08
12
VS (V)
10
V+ = 12V
V- = 0V
25°C
125°C
85°C
4
-55°C
-40°C
0°C
DG408, DG409


Similar Part No. - DG409DVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG409DVZ INTERSIL-DG409DVZ Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG409DVZ INTERSIL-DG409DVZ Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG409DVZ RENESAS-DG409DVZ Datasheet
658Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
More results

Similar Description - DG409DVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG408 RENESAS-DG408 Datasheet
658Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
logo
Texas Instruments
HI-509A TI-HI-509A Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A_08 Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com