Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI9P0547-9Z Datasheet(PDF) 2 Page - Intersil Corporation

Part # HI9P0547-9Z
Description  Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI9P0547-9Z Datasheet(HTML) 2 Page - Intersil Corporation

  HI9P0547-9Z Datasheet HTML 1Page - Intersil Corporation HI9P0547-9Z Datasheet HTML 2Page - Intersil Corporation HI9P0547-9Z Datasheet HTML 3Page - Intersil Corporation HI9P0547-9Z Datasheet HTML 4Page - Intersil Corporation HI9P0547-9Z Datasheet HTML 5Page - Intersil Corporation HI9P0547-9Z Datasheet HTML 6Page - Intersil Corporation HI9P0547-9Z Datasheet HTML 7Page - Intersil Corporation HI9P0547-9Z Datasheet HTML 8Page - Intersil Corporation HI9P0547-9Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(oC)
PACKAGE
PKG.
DWG. #
HI1-0546-2
HI1-546-2
-55 to 125 28 Ld CERDIP F28.6
HI4P0546-5Z
(Note)
HI4P546-5Z
0 to 75
28 Ld PLCC
(Pb-free)
N28.45
HI9P0546-9Z**
(Note)
HI9P546-9Z
-40 to 85
28 Ld SOIC
(Pb-free)
M28.3
HI3-0547-5Z
(Note)
HI3-0547-5Z
0 to 75
28 Ld PDIP*
(Pb-free)
E28.6
HI4P0547-5Z
(Note)
HI4P547-5Z
0 to 75
28 Ld PLCC
(Pb-free)
N28.45
HI9P0547-9Z
(Note)
HI9P547-9Z
-40 to 85
28 Ld SOIC
(Pb-free)
M28.3
HI1-0548-2
HI1-548-2
-55 to 125 16 Ld CERDIP F16.3
HI9P0548-5Z**
(Note)
HI9P548-5Z
0 to 75
16 Ld SOIC
(Pb-free)
M16.15
HI9P0548-9Z
(Note)
HI9P548-9Z
-40 to 85
16 Ld SOIC
(Pb-free)
M16.15
HI1-0549-2
HI1-549-2
-55 to 125 16 Ld CERDIP F16.3
HI3-0549-5
(No longer
available or
supported)
HI3-549-5
0 to 75
16 Ld PDIP
E16.3
HI4P0549-5Z
(Note)
(No longer
available or
supported)
HI4P549-5Z
0 to 75
20 Ld PLCC
(Pb-free)
N20.35
HI9P0549-9Z
(Note)
HI9P549-9Z
-40 to 85
16 Ld SOIC
(Pb-free)
M16.15
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
**Add “96” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Ordering Information (Continued)
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(oC)
PACKAGE
PKG.
DWG. #
Pinouts
HI-546 (CERDIP, PDIP, SOIC)
TOP VIEW
HI-547 (CERDIP, PDIP, SOIC)
TOP VIEW
+VSUPPLY
NC
NC
IN 16
IN 15
IN 14
IN 13
IN 12
IN 11
IN 10
IN 9
GND
VREF
ADDRESS A3
OUT
IN 8
IN 7
IN 6
IN 5
IN 3
IN 1
ENABLE
ADDRESS A0
ADDRESS A1
ADDRESS A2
-VSUPPLY
IN 4
IN 2
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
+VSUPPLY
OUT B
NC
IN 8B
IN 7B
IN 6B
IN 5B
IN 4B
IN 3B
IN 2B
IN 1B
GND
VREF
NC
OUT A
IN 8A
IN 7A
IN 6A
IN 5A
IN 3A
IN 1A
ENABLE
ADDRESS A0
ADDRESS A1
ADDRESS A2
-VSUPPLY
IN 4A
IN 2A
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
HI-546, HI-547, HI-548, HI-549


Similar Part No. - HI9P0547-9Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI9P0547-9Z INTERSIL-HI9P0547-9Z Datasheet
533Kb / 24P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
More results

Similar Description - HI9P0547-9Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-546 INTERSIL-HI-546_05 Datasheet
533Kb / 24P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
HI-546 INTERSIL-HI-546 Datasheet
329Kb / 15P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Renesas Technology Corp
HI-546 RENESAS-HI-546 Datasheet
910Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
Jun 15, 2016
logo
Harris Corporation
HI-506A HARRIS-HI-506A Datasheet
1Mb / 14P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
579Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-506A INTERSIL-HI-506A Datasheet
235Kb / 15P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Renesas Technology Corp
HI-506A RENESAS-HI-506A Datasheet
1,010Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
576Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
October 30, 2007
HI-506A INTERSIL-HI-506A_07 Datasheet
573Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-506A INTERSIL-HI-506A_04 Datasheet
613Kb / 19P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com