Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC640 Datasheet(PDF) 2 Page - Microchip Technology

Part # 25LC640
Description  64K SPI Bus Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC640 Datasheet(HTML) 2 Page - Microchip Technology

  25LC640 Datasheet HTML 1Page - Microchip Technology 25LC640 Datasheet HTML 2Page - Microchip Technology 25LC640 Datasheet HTML 3Page - Microchip Technology 25LC640 Datasheet HTML 4Page - Microchip Technology 25LC640 Datasheet HTML 5Page - Microchip Technology 25LC640 Datasheet HTML 6Page - Microchip Technology 25LC640 Datasheet HTML 7Page - Microchip Technology 25LC640 Datasheet HTML 8Page - Microchip Technology 25LC640 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
25AA640/25LC640/25C640
DS21223A-page 2
Preliminary
© 1997 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Maximum Ratings*
Vcc ...................................................................................7.0V
All inputs and outputs w.r.t. Vss.................. -0.6V to Vcc+1.0V
Storage temperature ....................................... -65˚C to 150˚C
Ambient temperature under bias..................... -65˚C to 125˚C
Soldering temperature of leads (10 seconds) ............. +300˚C
ESD protection on all pins................................................. 4kV
*Notice: Stresses above those listed under ‘Maximum ratings’ may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at those or any other conditions
above those indicated in the operational listings of this specification is
not implied. Exposure to maximum rating conditions for an extended
period of time may affect device reliability
TABLE 1-1:
PIN FUNCTION TABLE
FIGURE 1-1:
AC TEST CIRCUIT
1.2
AC Test Conditions
Name
Function
CS
Chip Select Input
SO
Serial Data Output
SI
Serial Data Input
SCK
Serial Clock Input
WP
Write Protect Pin
VSS
Ground
VCC
Supply Voltage
HOLD
Hold Input
AC Waveform:
VLO = 0.2V
VHI = VCC - 0.2V
(Note 1)
VHI = 4.0V
(Note 2)
Timing Measurement Reference Level
Input
0.5 VCC
Output
0.5 VCC
Note 1: For VCC
≤ 4.0V
2: For VCC > 4.0V
VCC
SO
100 pF
1.8 K
2.25 K
TABLE 1-2:
DC CHARACTERISTICS
All parameters apply over the
specified operating ranges
unless otherwise noted.
Commercial (C):
Tamb = 0
°C to +70°C
VCC = 1.8V to 5.5V
Industrial (I):
Tamb = -40
°C to +85°C
VCC = 1.8V to 5.5V
Automotive (E):
Tamb = -40
°C to +125°C
VCC = 4.5V to 5.5V (25C640 only)
Parameter
Symbol
Min
Max
Units
Test Conditions
High level input voltage
VIH1
2.0
VCC+1
V
VCC
≥ 2.7V (Note)
VIH2
0.7 VCC
VCC+1
V
VCC< 2.7V (Note)
Low level input voltage
VIL1
-0.3
0.8
V
VCC
≥ 2.7V (Note)
VIL2
-0.3
0.3 VCC
V
VCC < 2.7V (Note)
Low level output voltage
VOL
0.4
V
IOL = 2.1 mA
VOL
0.2
V
IOL = 1.0 mA, VCC < 2.5V
High level output voltage
VOH
VCC -0.5
V
IOH =-400
µA
Input leakage current
ILI
-10
10
µA
CS = VCC, VIN = VSS TO VCC
Output leakage current
ILO
-10
10
µA
CS = VCC, VOUT = VSS TO VCC
Internal Capacitance
(all inputs and outputs)
CINT
7
pF
TAMB = 25˚C, CLK = 1.0 MHz,
VCC = 5.0V (Note)
Operating Current
ICC Read
1
500
mA
µA
VCC = 5.5V; FCLK=3.0 MHz; SO = Open
VCC = 2.5V; FCLK=2.0 MHz; SO = Open
ICC Write
5
3
mA
mA
VCC= 5.5V
VCC = 2.5V
Standby Current
ICCS
5
1
µA
µA
CS = Vcc = 5.5V, Inputs tied to VCC or VSS
CS = Vcc = 2.5V, Inputs tied to VCC or VSS
Note: This parameter is periodically sampled and not 100% tested.


Similar Part No. - 25LC640

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC640 MICROCHIP-25LC640 Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
25LC640-E/P MICROCHIP-25LC640-E/P Datasheet
341Kb / 24P
   64K SPI Bus Serial EEPROM
2004
25LC640-E/P MICROCHIP-25LC640-E/P Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
25LC640-E/SN MICROCHIP-25LC640-E/SN Datasheet
341Kb / 24P
   64K SPI Bus Serial EEPROM
2004
25LC640-E/SN MICROCHIP-25LC640-E/SN Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
More results

Similar Description - 25LC640

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC640-ISN MICROCHIP-25LC640-ISN Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
25AA640A MICROCHIP-25AA640A Datasheet
532Kb / 30P
   64K SPI Bus Serial EEPROM
2008
25AA640A MICROCHIP-25AA640A_12 Datasheet
1,018Kb / 36P
   64K SPI Bus Serial EEPROM
11/29/12
25AA640 MICROCHIP-25AA640_08 Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
25AA640 MICROCHIP-25AA640_04 Datasheet
341Kb / 24P
   64K SPI Bus Serial EEPROM
2004
25LC640A MICROCHIP-25LC640A Datasheet
335Kb / 24P
   64K SPI Bus Serial EEPROM Extended (M) Operating Temperatures
2009
logo
Fairchild Semiconductor
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
   64K-Bit SPI Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com