Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29027IROZ-T7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL29027IROZ-T7
Description  Proximity Sensor with Intelligent Interrupt and Sleep Modes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29027IROZ-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL29027IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ISL29027
5
FN7815.1
February 2, 2012
Register Map
There are ten 8-bit registers accessible via I2C. Registers 0x1 and
0x2 define the operation mode of the device. Registers 0x3 and 0x4
store the various Prox thresholds which trigger interrupt events.
Registers 0x8 store the results of Prox ADC conversions.
FIGURE 2. I2C TIMING DIAGRAM
TABLE 1. ISL29028A REGISTERS AND REGISTER BITS
ADDR
REG NAME
BIT
7
654
321
0
DEFAULT
0x00
(n/a)
(Reserved)
(n/a)
0x01
CONFIGURE
PROX EN
PROX_SLP[2:0]
PROX_DR
(Write 0)
(Write0)
(Write0)
0x00
0x02
INTERRUPT
PROX_FLAG
PROX_PRST[1:0]
(Write 0)
(Write0)
(Write 0)
(Write 0)
0x00
0x03
PROX_LT
PROX_LT[7:0]
0x00
0x04
PROX_HT
PROX_HT[7:0]
0xFF
0x05
(n/a)
(Reserved)
(n/a)
0x06
(n/a)
(Reserved)
(n/a)
0x07
(n/a)
(Reserved)
(n/a)
0x08
PROX_DATA
PROX_DATA[7:0]
0x00
0x09
(n/a)
(Reserved)
(n/a)
0x0A
(n/a)
(Reserved)
(n/a)
0x0E
TEST1
(Write as 0x00)
0x00
0x0F
TEST2
(Write as 0x00)
0x00


Similar Part No. - ISL29027IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29027IROZ-T7 INTERSIL-ISL29027IROZ-T7 Datasheet
638Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Renesas Technology Corp
ISL29027IROZ-T7 RENESAS-ISL29027IROZ-T7 Datasheet
679Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results

Similar Description - ISL29027IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29027 RENESAS-ISL29027 Datasheet
679Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29027 INTERSIL-ISL29027 Datasheet
638Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29028A_1103 INTERSIL-ISL29028A_1103 Datasheet
745Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com