Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29027IROZ-T7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL29027IROZ-T7
Description  Proximity Sensor with Intelligent Interrupt and Sleep Modes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29027IROZ-T7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL29027IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL29027IROZ-T7 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ISL29027
9
FN7815.1
February 2, 2012
Typical Circuit
A typical application for the ISL29027 is shown in Figure 6. The
ISL29027’s I2C address is internally hardwired as 0b100010<x>,
with x representing the logic state of input I2C address pin
ADDR0. The device can be tied onto a system’s I2C bus together
with other I2C compliant devices.
Soldering Considerations
Convection heating is recommended for reflow soldering; direct-
infrared heating is not recommended. The plastic ODFN package
does not require a custom reflow soldering profile, and is qualified to
+260°C. A standard reflow soldering profile with a +260°C
maximum is recommended.
Suggested PCB Footprint
It is important that users check the “Surface Mount Assembly
Guidelines for Optical Dual FlatPack No Lead (ODFN) Package”
before starting ODFN product board mounting.
http://www.intersil.com/data/tb/TB477.pdf
Layout Considerations
The ISL29027 is relatively insensitive to layout. Like other I2C
devices, it is intended to provide excellent performance even in
significantly noisy environments. There are only a few
considerations that will ensure best performance.
Route the supply and I2C traces as far as possible from all
sources of noise. 0.1µF and 1µF power supply decoupling
capacitors need to be placed close to the device.
ADDR0
1
GND
3
REXT
4
SDA
INT
7
IRDR
8
ISL29027
R1
10kΩ
R2
10kΩ
REXT
499kΩ
VDD
MICROCONTROLLER
INT
SDA
SLAVE_0
SLAVE_1
I2C SLAVE_n
I2C MASTER
SCL
SDA
SCL
SDA
VI2C_PULL-UP
6
R3
10kΩ
SCL
2 VDD
5
C2
0.1µF
FIGURE 6. ISL29027 TYPICAL CIRCUIT
SCL
C1
1µF
VIR-LED


Similar Part No. - ISL29027IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29027IROZ-T7 INTERSIL-ISL29027IROZ-T7 Datasheet
638Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Renesas Technology Corp
ISL29027IROZ-T7 RENESAS-ISL29027IROZ-T7 Datasheet
679Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results

Similar Description - ISL29027IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29027 RENESAS-ISL29027 Datasheet
679Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29027 INTERSIL-ISL29027 Datasheet
638Kb / 13P
   Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29028A_1103 INTERSIL-ISL29028A_1103 Datasheet
745Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com