Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29030AIROZ-EVALZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL29030AIROZ-EVALZ
Description  Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29030AIROZ-EVALZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL29030AIROZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ISL29030A
5
FN7722.2
November 12, 2012
tHD:STA
Hold Time (Repeated) START Condition
After this period, the first clock pulse is
generated
600
ns
tLOW
LOW Period of the SCL Clock
Measured at the 30% of VDD crossing
1300
ns
tHIGH
HIGH period of the SCL Clock
600
ns
tSU:STA
Set-up Time for a Repeated START Condition
600
ns
tHD:DAT
Data Hold Time
30
ns
tSU:DAT
Data Set-up Time
100
ns
tR
Rise Time of both SDA and SCL Signals
(Note 12)
20 +
0.1xCb
ns
tF
Fall Time of both SDA and SCL Signals
(Note 12)
20 +
0.1xCb
ns
tSU:STO
Set-up Time for STOP Condition
600
ns
tBUF
Bus Free Time Between a STOP and START
Condition
1300
ns
Cb
Capacitive Load for Each Bus Line
400
pF
Rpull-up
SDA and SCL system bus pull-up resistor
Maximum is determined by tR and tF
1
k
Ω
tVD;DAT
Data Valid Time
0.9
µs
tVD:ACK
Data Valid Acknowledge Time
0.9
µs
VnL
Noise Margin at the LOW Level
0.1VDD
V
VnH
Noise Margin at the HIGH Level
0.2VDD
V
NOTES:
11. I2C limits are based on design/simulation and are not production tested.
12. Cb is the capacitance of the bus in pF.
I2C Electrical Specifications For SCL and SDA unless otherwise noted, VDD = 3V, TA = +25°C, REXT = 499kΩ 1% tolerance
(Note 11). Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
FIGURE 1. I2C TIMING DIAGRAM


Similar Part No. - ISL29030AIROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29030AIROZ-EVALZ INTERSIL-ISL29030AIROZ-EVALZ Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29030AIROZ-EVALZ INTERSIL-ISL29030AIROZ-EVALZ Datasheet
601Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
logo
Renesas Technology Corp
ISL29030AIROZ-EVALZ RENESAS-ISL29030AIROZ-EVALZ Datasheet
824Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
More results

Similar Description - ISL29030AIROZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29030 RENESAS-ISL29030 Datasheet
853Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
ISL29030A RENESAS-ISL29030A Datasheet
824Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
logo
Intersil Corporation
ISL29030IROZ-T7 INTERSIL-ISL29030IROZ-T7 Datasheet
538Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digita Out
November 12, 2012
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com