Electronic Components Datasheet Search |
|
ISL29033IROZ-T7 Datasheet(PDF) 8 Page - Intersil Corporation |
|
ISL29033IROZ-T7 Datasheet(HTML) 8 Page - Intersil Corporation |
8 / 15 page ISL29033 8 FN7656.2 February 25, 2013 Register Set There are eight registers available in the ISL29033. Table 1 summarizes their functions. Command Register I 00 (Hex) The first command register has the following functions: 1. Operation Mode: Bits 7, 6, and 5. These three bits determine the operation mode of the device (Table 2). Interrupt flag: Bit 2. This is the status bit of the interrupt (Table 3). The bit is set to logic high when the interrupt thresholds have been triggered (out of threshold window), and to logic low when not yet triggered. When activated and the interrupt is triggered, the INT pin goes low, and the interrupt status bit goes high until the status bit is polled through the I2C read command. Both the INT output and the interrupt status bit are automatically cleared at the end of the 8-bit (00h) command register transfer. FIGURE 4. I2C WRITE TIMING DIAGRAM SAMPLE START W A A A6 A5 A4 A3 A2 A1 A0 W A R7 R6 R5 R4 R3 R2 R1 R0 A B7 B6 B5 B4 B3 B2 B1 B0 A A 1 2 615 948 STOP SDA DRIVEN BY MASTER FUNCTIONS REGISTER ADDRESS DEVICE ADDRESS SDA DRIVEN BY MASTER SDA DRIVEN BY MASTER I2C DATA I2C SDA IN I2C SDA OUT I2C CLK IN AA 34 5 7 8 9 2 3 4 6 7 8 1 2 3 5 67 9 A TABLE 1. REGISTER SET ADDR REG NAME BIT 76 5 4 3 2 1 0 DEFAULT 00h COMMANDI OP2 OP1 OP0 0 0 FLAG PRST1 PRST0 00h 01h COMMANDII 0 0 0 0 RES1 RES0 RANGE1 RANGE0 00h 02h DATALSB D7 D6 D5 D4 D3 D2 D1 D0 00h 03h DATAMSB D15 D14 D13 D12 D11 D10 D9 D8 00h 04h INT_LT_LSB TL7 TL6 TL5 TL4 TL3 TL2 TL1 TL0 00h 05h INT_LT_MSB TL15 TL14 TL13 TL12 TL11 TL10 TL9 TL8 00h 06h INT_HT_LSB TH7 TH6 TH5 TH4 TH3 TH2 TH1 TH0 FFh 07h INT_HT_MSB TH15 TH14 TH13 TH12 TH11 TH10 TH9 TH8 FFh TABLE 2. OPERATION MODE BITS 7 TO 5 OPERATION 000 Power-down the device 001 Reserved (Do not use) 010 Reserved (Do not use) 100 Reserved (Do not use) 101 ALS continuous 110 IR continuous 111 Reserved (Do not use) TABLE 3. INTERRUPT FLAG BIT 2 OPERATION 0 Interrupt is cleared or not triggered yet 1 Interrupt is triggered |
Similar Part No. - ISL29033IROZ-T7 |
|
Similar Description - ISL29033IROZ-T7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |