Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29044AIROMZ-T7 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL29044AIROMZ-T7
Description  Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29044AIROMZ-T7 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL29044AIROMZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29044AIROMZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29044AIROMZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29044AIROMZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29044AIROMZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29044AIROMZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29044AIROMZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29044AIROMZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29044AIROMZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ISL29044A
2
FN8419.1
April 19, 2013
ISL29044A Block Diagram
Pin Configuration
ISL29044A
(8 LD 2.36x3.94 (mm) OPTICAL CO-PACKAGE)
TOP VIEW
VDD
GND
SCL
IR PHOTODIODE
LIGHT DATA
3
2
1
FOSC
IREF
IRDR
ARRAY
ALS PHOTODIODE
PROCESS
ALS AND IR
ARRAY
DUAL CHANNEL
ADCs
6
INT
7
COMMAND
REGISTER
DATA
REGISTER
I2C
IR DRIVER
INTERRUPT
SDA
8
LED+
4
LED-
5
IRDR
SCL
SDA
GND
INT
VDD
5
6
7
8
4
3
2
1
LED-
LED+
Pin Descriptions
PIN# PIN NAME
DESCRIPTIONS
1
VDD
Voltage supply 2.25V to 3.63V.
2SCL
I2C clock line can be pulled from 1.7V to above VDD,
3.63V max.
3GND
Ground
4LED+
Anode of IR LED
5LED-
Cathode of IR LED
6
IRDR
IR-LED driver pin - current flows into ISL29044A from
LED cathode.
7INT
Interrupt pin; Logic output (open-drain) for interrupt.
8SDA
I2C data line can be pulled from 1.7V to above VDD,
3.63V max.
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
TEMP. RANGE
(°C)
PACKAGE
Tape & Reel
(Pb-free)
PKG.
DWG. #
ISL29044AIROMZ-T7
-40 to +85
8 Ld Optical Co-package
L8.2.36x3.94
ISL29044AIROMZ-EVALZ
Evaluation Board
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets: molding compounds, die attach materials, NiPdAu plate
(e4 termination finish), which are all RoHS compliant. The ISL29044A is compatible with limited SnPb and Pb-free soldering operations. The
ISL29044A is MSL classified. See Tech Brief TB487 (Surface Mount Assembly Guidelines for Optical Co-Package Sensor and LED) for reflow profile
and more information.
3. For more information on MSL please see tech brief TB477.


Similar Part No. - ISL29044AIROMZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29044AIROMZ-T7 RENESAS-ISL29044AIROMZ-T7 Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
More results

Similar Description - ISL29044AIROMZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29043 INTERSIL-ISL29043 Datasheet
862Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044A INTERSIL-ISL29044A Datasheet
112Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044 INTERSIL-ISL29044 Datasheet
188Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044IROMZ-T7 INTERSIL-ISL29044IROMZ-T7 Datasheet
533Kb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
logo
Renesas Technology Corp
ISL29044A RENESAS-ISL29044A Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
logo
Intersil Corporation
ISL29043IROMZ-T7 INTERSIL-ISL29043IROMZ-T7 Datasheet
627Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
February 9, 2012
logo
Renesas Technology Corp
ISL29043 RENESAS-ISL29043 Datasheet
1Mb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
ISL29044 RENESAS-ISL29044 Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
logo
Fairchild Semiconductor
FLD00060 FAIRCHILD-FLD00060 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor with Built-in IR LED
logo
AMIC Technology
ASR8800 AMICC-ASR8800 Datasheet
59Kb / 1P
   Ambient Light, Solar_UV_Index, IR and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com