Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29147IROMZ-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL29147IROMZ-T7
Description  Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29147IROMZ-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL29147IROMZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29147IROMZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29147IROMZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29147IROMZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29147IROMZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29147IROMZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29147IROMZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29147IROMZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29147IROMZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ISL29147
3
FN8409.3
January 6, 2015
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
VDD Supply Voltage between VDD and GND . . . . . . . . . . . . . . . . . . . . . .4.0V
I2C Bus Pin Voltage (SCL, SDA). . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 4.0V
I2C Bus Pin Current (SCL, SDA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mA
INT Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 4.0V
INT Pin Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mA
ESD Rating
Human Body Model (Tested per JESD22-A114E) (Note 4) . . . . . . . . 2kV
Thermal Resistance (Typical)
JA (°C/W)
8 Ld Optical Co-package (Note 5). . . . . . . . 425
Maximum Die Temperature . . . . . . . . . . . . +90°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Pb-Free Reflow Profile (*) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB487
*Peak temperature during solder reflow +235°C max
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4. ESD on all pins is 2kV except IRDR, which is 1.5kV.
5.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
Electrical Specifications VDD = 3.0V, TA = +25°C.
PARAMETER
DESCRIPTION
TEST CONDITION
MIN
(Note 10)TYP
MAX
(Note 10)UNITS
INPUT POWER
VDD
Power Supply Range
2.25
3.0
3.63
V
IDD_OFF
Supply Current when Powered Down
ALS_EN = 0; PROX_EN = 0
0.2
1.0
µA
IDD_NORM
Supply Current for ALS+Prox in Sleep Time ALS_EN = 1; PROX_EN = 1
125
140
µA
IDD_PRX_SLP Supply Current for Prox in Sleep Time
ALS_EN = 0; PROX_EN = 1
95
µA
IDD_ALS
Supply Current for ALS
ALS_EN = 1; PROX_EN = 0
95
µA
ADC (ALS and PROX)
tINTGR_ALS
12-bit ALS Conversion Time
80
95
110
ms
tINTGR_PROX 8-bit Prox Conversion Time
0.4
0.50
0.6
ms
DATAALS_0
ALS Result when Dark
EAMBIENT = 0 Lux, 900 Lux range
1
Counts
DATAALS_F
Full Scale ALS ADC Code
EAMBIENT > selected range maximum Lux
4095
Counts
ΔDATA1
DATA
Output Variation Over Light Sources:
Fluorescent, Incandescent and Sunlight
Ambient light sensing, no cover glass
After programmable active IR compensation
(Note 6)
±10
%
ΔDATA2
DATA
Output Variation Over Light Sources:
Fluorescent, Incandescent and Sunlight
Ambient light sensing under cover glass
After programmable active IR compensation
(Note 6)
±10
%
Linearity
ALS ADC Data Linearity
20% - 80% of full range
±5
%
DATAPROX_0 Prox Data without Object in Path
1Counts
DATAPROX_F Full Scale Prox ADC Code
255
Counts
ProxWASH
Washout Bit Activation Level
Norwood Solar Emulator
40k
Lux
ProxOffsetMax Maximum PROX Offset, Referenced to
Proximity ADC Range
512
LSB
ProxOffsetInc Proximity Offset Adjust Increment
Referenced to Proximity ADC Range
27
LSB


Similar Part No. - ISL29147IROMZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29147IROMZ-T7 RENESAS-ISL29147IROMZ-T7 Datasheet
711Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
More results

Similar Description - ISL29147IROMZ-T7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
ISL29038 XICOR-ISL29038 Datasheet
560Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Renesas Technology Corp
ISL29038 RENESAS-ISL29038 Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29147 RENESAS-ISL29147 Datasheet
711Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Intersil Corporation
ISL29147 INTERSIL-ISL29147 Datasheet
126Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29038IROZ-T7 INTERSIL-ISL29038IROZ-T7 Datasheet
431Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 23, 2015
ISL29038 INTERSIL-ISL29038 Datasheet
186Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Maxim Integrated Produc...
MAX44000 MAXIM-MAX44000 Datasheet
1Mb / 24P
   Ambient and Infrared Proximity Sensor
Rev 0; 10/11
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
761Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028 INTERSIL-ISL29028 Datasheet
466Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com