Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29147IROMZ-EVALZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL29147IROMZ-EVALZ
Description  Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29147IROMZ-EVALZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL29147IROMZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
DATASHEET
Low Power Ambient Light and Proximity Sensor with
Enhanced Infrared Rejection
ISL29147
The ISL29147 is a low power Ambient Light Sensor (ALS) and
proximity (PROX) sensor. It has a built-in IR-LED for the
proximity function. The ALS function measures the amount of
light (in the visible spectrum) incident on the ISL29147.
The ALS function has a programmable ambient IR-rejection,
which allows fine tuning of light source variations and is ideal
for light sensor applications under dark protective glass. The
ALS provides a 12-bit measurement. A passive optical filter
removes unwanted wavelengths (IR or Ultraviolet) to ensure
accurate ALS measurement.
The proximity function includes a new offset adjustment to
compensate for the IR light reflected off the inside of the
protective glass cover and back to the ISL29147 sensor. This
offset adjustment allows the sensor to compensate for these
internal reflections and preserve the dynamic range of the
proximity measurement.
The built-in current-driver pulses an external infrared LED at a
programmed current for 90µs. The infrared light that is
reflected and received by the ISL29147 is digitized by an 8-bit
ADC. The proximity sensor also has a passive optical filter
designed to pass IR and reject visible wavelengths.
The ISL29147 provides a hardware pin to indicate an interrupt
event. The interrupt pin saves power as the host microcontroller
can ‘wake-up’ on an interrupt event and does not need to poll
the device for an interrupt event. The interrupt generator is
user configurable and provides several options for ALS and
PROX trigger configurations. The ISL29147 supports an SMBus
compatible I2C interface for configuration and control.
Features
• Internal IR-LED and sensor for a complete solution
• Ideal for applications under dark or tinted glass
• Enhanced ambient sunlight rejection to 40k Lux
• Programmable proximity sleep time between proximity
measurements optimizes power consumption
• Hardware interrupt - no polling required
• Programmable IR compensation to fine-tune ALS
performance for various glass compositions
• Programmable IR LED drive current to 250mA
• Operates from 2.25V to 3.63V VDD
• Power-down IDD, typical 0.2µADC
• Tiny 2.40x4x1.2 (mm) optical co-package
Applications
• Display dimming and adjustment
- Mobile devices: smart phones, PDA, GPS
- Computing: monitors, laptops, notebooks
- Picture frames, tablet-PCs, LCD-TV
• Object detection
- Touchscreen disabling
-Smart power-saving
FIGURE 1. TYPICAL APPLICATIONS CIRCUIT
FIGURE 2. PROXIMITY SENSITIVITY
5
6
7
8
4
3
2
1
VDD
SCL
GND
LED+
SDA
INT
IRDR
LED-
ISL29147
C1, C2: 1µF CERAMIC 10V CAPACITOR
INT
SDA
SCL
SMBus MASTER
VDD
C2
1µF
C1
1µF
VDD_PULLUP
U1
INT PULLUPs
SCL, SDA and
R1
100Ω
R1: 100Ω 5% RESISTOR
0
50
100
150
DISTANCE (mm)
IRDR 125mA
IRDR 250mA
0
50
100
150
200
250
January 6, 2015
FN8409.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas LLC 2013, 2014, 2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL29147IROMZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29147IROMZ-EVALZ RENESAS-ISL29147IROMZ-EVALZ Datasheet
711Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
More results

Similar Description - ISL29147IROMZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
ISL29038 XICOR-ISL29038 Datasheet
560Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Renesas Technology Corp
ISL29038 RENESAS-ISL29038 Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29147 RENESAS-ISL29147 Datasheet
711Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Intersil Corporation
ISL29147 INTERSIL-ISL29147 Datasheet
126Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29038IROZ-T7 INTERSIL-ISL29038IROZ-T7 Datasheet
431Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 23, 2015
ISL29038 INTERSIL-ISL29038 Datasheet
186Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Maxim Integrated Produc...
MAX44000 MAXIM-MAX44000 Datasheet
1Mb / 24P
   Ambient and Infrared Proximity Sensor
Rev 0; 10/11
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
761Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028 INTERSIL-ISL29028 Datasheet
466Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com