Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17595ATE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX17595ATE
Description  Peak-Current-Mode Controllers for Flyback and Boost Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17595ATE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX17595ATE Datasheet HTML 6Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 7Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 8Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 9Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 10Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 11Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 12Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 13Page - Maxim Integrated Products MAX17595ATE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MAX17595/MAX17596/MAX17597
Peak-Current-Mode Controllers for
Flyback and Boost Regulators
10
Maxim Integrated
Pin Description (continued)
Detailed Description
The MAX17595 offers a bootstrap UVLO wake-up level
of 20V with a wide hysteresis, and is optimized for imple-
menting isolated and nonisolated universal (85V to 265V
AC) offline single-switch flyback converter or telecom
(36V to 72V) power supplies. The MAX17596/MAX17597
offer a UVLO wake-up level of 4.4V and are well-suited
for low-voltage DC-DC flyback/boost power supplies. An
internal 1% reference (1.21V) can be used to regulate
the output in nonisolated flyback and boost applications.
Additional semiregulated outputs, if needed, can be gen-
erated by using additional secondary windings on the
flyback converter transformer.
The MAX17595/MAX17596/MAX17597 family utilizes
peak-current-mode control and external compensation
for optimizing closed-loop performance. The devices
include cycle-by-cycle peak current limit, and eight
consecutive occurrences of current-limit-event trigger
hiccup mode, which protects external components by
halting switching for a period of 32,768 cycles. .
Input Voltage Range (VIN)
The
MAX17595
has
no
limitation
on
maxi-
mum input voltage, as long as the external
components are rated suitably and the maximum
operating voltages of the MAX17595 are respected.
The MAX17595 implements a rising and falling UVLO
threshold that allows it to be successfully used in univer-
sal input (85V to 265V AC) rectified bus applications, in
rectified 3-phase DC bus applications, and in telecom
(36V to 72V DC) applications.
The MAX17596/MAX17597 are intended to implement
flyback (isolated and nonisolated) and boost convert-
ers. The VIN pin of the MAX17596/MAX17597 has a
maximum operating voltage of 36V. The MAX17596/
MAX17597 implement rising and falling thresholds on
the VIN pin that assume power-supply startup schemes
typical of low-voltage DC-DC applications, down to
an input voltage of 4.5V DC. Therefore, flyback /boost
converters with a 4.5V to 36V supply voltage range can
be implemented with the MAX17596/MAX17597.
Internal Linear Regulator (VDRV)
The internal functions and driver circuits are designed
to operate from 7.4V (MAX17595) or 5V (MAX17596/
MAX17597) power-supply voltages. The MAX17595/
MAX17596/MAX17597 family has an internal linear regu-
lator that is powered from the VIN pin. The output of the
linear regulator is connected to the VDRV pin, and should
be decoupled with a 1FF capacitor to ground for stable
operation. The VDRV regulator output supplies all the oper-
ating current of the MAX17595/MAX17596/MAX17597.
The maximum operating voltage on the VIN pin is 29V for
the MAX17595, and 36V for the MAX17596/MAX17597.
PIN
NAME
FUNCTION
13
VDRV
Linear Regulator Output and Driver Input. Connect a 1µF bypass capacitor from VDRV to SGND as
close as possible to the IC.
14
VIN
Internal VDRV Regulator Input. Connect VIN to the input voltage source. Bypass VIN to PGND with
a 1FF minimum ceramic capacitor.
15
EN/UVLO
Enable/Undervoltage Lockout. To externally program the UVLO threshold of the input supply,
connect a resistive divider between input supply, EN, and SGND.
16
OVI
Overvoltage Comparator Input. Connect a resistive divider between the input supply, OVI, and
SGND to set the input overvoltage threshold.
EP
Exposed Pad. Connect to a large ground plane through multiple vias to maximize thermal
dissipation.


Similar Part No. - MAX17595ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17595ATE++ MAXIM-MAX17595ATE+ Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
2017
More results

Similar Description - MAX17595ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17595 MAXIM-MAX17595_13 Datasheet
1Mb / 23P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 2; 6/13
MAX17595 MAXIM-MAX17595 Datasheet
2Mb / 29P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 0; 1/12
MAX17595 MAXIM-MAX17595_V01 Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
2017
MAX17498A MAXIM-MAX17498A Datasheet
2Mb / 28P
   AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
Rev 1; 3/12
MAX17498A MAXIM-MAX17498A_13 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
Rev 3; 4/13
MAX17498AATE MAXIM-MAX17498AATE Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applicatio
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A_V01 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
2020
logo
Linear Technology
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
logo
Maxim Integrated Produc...
MAX5974E MAXIM-MAX5974E_V01 Datasheet
1Mb / 22P
   Current-Mode PWM Controllers for Low-Cost Flyback Supplies
2013
logo
Linear Technology
LTC1871-7 LINER-LTC1871-7_15 Datasheet
393Kb / 34P
   High Input Voltage, Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com