Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL9101MIRZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ZL9101MIRZ
Description  Digital DC/DC PMBus 12A Module
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL9101MIRZ Datasheet(HTML) 3 Page - Intersil Corporation

  ZL9101MIRZ Datasheet HTML 1Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 2Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 3Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 4Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 5Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 6Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 7Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 8Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
ZL9101M
3
FN7669.5
February 12, 2015
Submit Document Feedback
Pin Configuration
ZL9101M
(21 LD QFN)
TOP VIEW
SDA
VSET
VTRK
FB+
FB-
PGND
V25
VDD
VDRV
SW
VIN
PGND
VOUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Pin Descriptions
PIN#
LABEL
TYPE
DESCRIPTION
1
SDA
I/O
Serial data. A pull-up resistor is required for this application.
2
SCL
I/O
Serial clock. A pull-up resistor is required for this application.
3
SA
I
Serial address select pin. Used to assign unique SMBus address to each module.
4
SYNC
I/O
Clock synchronization. Used for synchronization to external frequency reference.
5
PG
O
Power-good output.
6
EN
I
Enable input (factory setting active high). Pull-up to enable PWM switching and pull-down to disable PWM switching.
7
DDC
I/O
Digital-DC bus. (open drain) Interoperability between Intersil Digital modules. A pull-up resistor is required for this
application.
8
VR
PWR Internal 5V reference used to power internal drivers. Connect 4.7μF bypass capacitor to this pin.
9
SGND
PWR Signal ground. Connect to low impedance ground plane.
10
PGND
PWR Power ground. Connect to low impedance ground plane.
11
V25
PWR Internal 2.5V reference used to power internal circuitry. Connect 4.7μF bypass capacitor to this pin.
12
VDD
PWR Input supply voltage for controller. Connect 4.7μF bypass capacitor to this pin.
13
VDRV
PWR Power supply for internal FET drivers. Connect 10μF bypass capacitor to this pin.
14(epad)
SW
PWR Drive train switch node.
15(epad)
VIN
PWR Power supply input FET voltage.
16(epad)
PGND
PWR Power ground. Connect to low impedance ground plane.
17(epad)
VOUT
PWR Power supply output voltage. Output voltage from PWM.
18
FB-
I
Output voltage feedback. Connect to load return of ground regulation point.
19
FB+
I
Output voltage feedback. Connect to output regulation point.
20
VTRK
I
Tracking sense input. Used to track an external voltage source.
21
VSET
I
Output voltage selection pin. Used to set VOUT set point and VOUT max.


Similar Part No. - ZL9101MIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
870Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
877Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
820Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
995Kb / 17P
   Digital DC/DC PMBus 12A Module
logo
Renesas Technology Corp
ZL9101MIRZ RENESAS-ZL9101MIRZ Datasheet
2Mb / 63P
   Digital DC/DC PMBus 12A Module
More results

Similar Description - ZL9101MIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9101M_1104 INTERSIL-ZL9101M_1104 Datasheet
820Kb / 17P
   Digital DC/DC PMBus 12A Module
ISL28288 INTERSIL-ISL28288_11 Datasheet
995Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101M INTERSIL-ZL9101M_11 Datasheet
877Kb / 17P
   Digital DC/DC PMBus 12A Module
logo
Renesas Technology Corp
ZL9101M RENESAS-ZL9101M Datasheet
2Mb / 63P
   Digital DC/DC PMBus 12A Module
logo
Intersil Corporation
ZL9101M INTERSIL-ZL9101M Datasheet
870Kb / 17P
   Digital DC/DC PMBus 12A Module
logo
Renesas Technology Corp
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
   Digital DC/DC PMBus 25A Module
ISL8271M RENESAS-ISL8271M Datasheet
2Mb / 57P
   Digital DC/DC PMBus 33A Module
logo
Intersil Corporation
ZL9117MIRZ INTERSIL-ZL9117MIRZ Datasheet
1Mb / 58P
   Digital DC/DC PMBus 17A Module
December 16, 2014
ISL8271MAIRZ INTERSIL-ISL8271MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 33A Module
December 18, 2014
ISL8270MAIRZ INTERSIL-ISL8270MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 25A Module
July 2, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com