Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL9101MIRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ZL9101MIRZ
Description  Digital DC/DC PMBus 12A Module
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL9101MIRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ZL9101MIRZ Datasheet HTML 2Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 3Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 4Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 5Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 6Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 7Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 8Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 9Page - Intersil Corporation ZL9101MIRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
ZL9101M
6
FN7669.5
February 12, 2015
Submit Document Feedback
Ordering Information
PART NUMBER
(Notes 5, 6, 7)
PART
MARKING
FIRMWARE REVISION
(Note 8)
TEMP RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ZL9101MIRZ
ZL9101M
FC04
-40 to +85
21 Ld 15x15 QFN
L21.15x15
ZL9101MAIRZ
ZL9101M
FC05
-40 to +85
21 Ld 15x15 QFN
L21.15x15
ZL9101EVAL1Z
Evaluation Board
NOTES:
5. Add “-T*” suffix for tape and reel. Please refer to Tech Brief TB347 for details on reel specifications.
6. These Intersil plastic packaged products are RoHS compliant by EU exemption 7C-I and employ special Pb-free material sets, molding compounds/die
attach materials, and 100% matte tin plate plus anneal (e3) termination finish which is compatible with both SnPb and Pb-free soldering operations.
Intersil RoHS compliant products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
7. For Moisture Sensitivity Level (MSL), please see device information page for ZL9101M. For more information on MSL please see Tech Brief TB363.
8. See “Firmware Revision History” on page 63; only the latest firmware revision is recommended for new designs.
ZL
xxxxM
F
T
R
Z
S
DIGITAL MODULE DESIGNATOR
BASE PART NUMBER
FIRMWARE REVISION
BLANK: FC04
A: FC05
OPERATING TEMPERATURE
I: INDUSTRIAL (‐ 40°C TO +85°C)
SHIPPING OPTION
BLANK: BULK
T: TAPE AND REEL
RoHS COMPLIANT OPTION
Z: RoHS COMPLIANT PRODUCT
PACKAGE DESIGNATOR
R: QUAD FLAT NO‐LEAD (QFN)


Similar Part No. - ZL9101MIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
870Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
877Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
820Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
995Kb / 17P
   Digital DC/DC PMBus 12A Module
logo
Renesas Technology Corp
ZL9101MIRZ RENESAS-ZL9101MIRZ Datasheet
2Mb / 63P
   Digital DC/DC PMBus 12A Module
More results

Similar Description - ZL9101MIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9101M_1104 INTERSIL-ZL9101M_1104 Datasheet
820Kb / 17P
   Digital DC/DC PMBus 12A Module
ISL28288 INTERSIL-ISL28288_11 Datasheet
995Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101M INTERSIL-ZL9101M_11 Datasheet
877Kb / 17P
   Digital DC/DC PMBus 12A Module
logo
Renesas Technology Corp
ZL9101M RENESAS-ZL9101M Datasheet
2Mb / 63P
   Digital DC/DC PMBus 12A Module
logo
Intersil Corporation
ZL9101M INTERSIL-ZL9101M Datasheet
870Kb / 17P
   Digital DC/DC PMBus 12A Module
logo
Renesas Technology Corp
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
   Digital DC/DC PMBus 25A Module
ISL8271M RENESAS-ISL8271M Datasheet
2Mb / 57P
   Digital DC/DC PMBus 33A Module
logo
Intersil Corporation
ZL9117MIRZ INTERSIL-ZL9117MIRZ Datasheet
1Mb / 58P
   Digital DC/DC PMBus 17A Module
December 16, 2014
ISL8271MAIRZ INTERSIL-ISL8271MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 33A Module
December 18, 2014
ISL8270MAIRZ INTERSIL-ISL8270MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 25A Module
July 2, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com