Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16990ATCE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16990ATCE
Description  36V, 2.5MHz Automotive Boost SEPIC Controllers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16990ATCE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16990ATCE Datasheet HTML 4Page - Maxim Integrated Products MAX16990ATCE Datasheet HTML 5Page - Maxim Integrated Products MAX16990ATCE Datasheet HTML 6Page - Maxim Integrated Products MAX16990ATCE Datasheet HTML 7Page - Maxim Integrated Products MAX16990ATCE Datasheet HTML 8Page - Maxim Integrated Products MAX16990ATCE Datasheet HTML 9Page - Maxim Integrated Products MAX16990ATCE Datasheet HTML 10Page - Maxim Integrated Products MAX16990ATCE Datasheet HTML 11Page - Maxim Integrated Products MAX16990ATCE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Typical Operating Characteristics (continued)
(VSUP = 14V, TA = +25NC, unless otherwise noted.)
Maxim Integrated │ 8
www.maximintegrated.com
MAX16990/MAX16992
36V, 2.5MHz Automotive Boost/
SEPIC Controllers
0
100
200
300
400
500
600
700
800
900
1000
1100
0
100
200
300
RSET(kΩ)
MAX16990 INTERNAL OSCILLATOR
FREQUENCY vs. RSET
MAX16990/2 toc25
MAX16990 MAXIMUM DUTY
CYCLE vs. TEMPERATURE
TEMPERATURE (°C)
120
100
60
80
0
20
40
-20
94.7
94.9
95.1
95.3
95.5
95.7
95.9
94.5
-40
RSET = 68.1kI
CURRENT-LIMIT THRESHOLD
vs. TEMPERATURE
TEMPERATURE (°C)
120
100
60
80
0
20
40
-20
242
244
246
248
250
252
254
256
258
260
240
-40
COLD-CRANK INPUT VOLTAGE TRANSIENT
MAX16990 toc29
5V/div
5V/div
0V
0V
1A /div
0A
5V/div
0V
VPGOOD
ILOAD
VOUT
VIN
20ms/div
MAX16992 MAXIMUM DUTY
CYCLE vs. TEMPERATURE
TEMPERATURE (°C)
120
100
60
80
0
20
40
-20
87.5
88.0
88.5
89.0
89.5
90.0
90.5
91.0
87.0
-40
RSET = 12.1kI
MAX16990 EFFICIENCY
SUPPLY VOLTAGE (V)
7
6
5
55
60
65
70
75
80
85
90
95
100
50
4
8
IOUT = 100mA
IOUT = 2A
IOUT = 1A
MAX16992 EFFICIENCY
SUPPLY VOLTAGE (V)
7
6
5
55
60
65
70
75
80
85
90
95
100
50
4
8
IOUT = 100mA
IOUT = 1A
IOUT = 2A
MAX16992 INTERNAL OSCILLATOR
FREQUENCY vs. RSET
RSET (kI)
25
20
15
1000
1200
1400
1600
1800
2000
2200
2400
2600
800
10
30


Similar Part No. - MAX16990ATCE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16990ATCE/V++ MAXIM-MAX16990ATCE/V+ Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost/ SEPIC Controllers
2021
More results

Similar Description - MAX16990ATCE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16990 MAXIM-MAX16990_V01 Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost/ SEPIC Controllers
2021
MAX16990 MAXIM-MAX16990 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
MAX16992 MAXIM-MAX16992 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
MAX15004A MAXIM-MAX15004A Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX15004 MAXIM-MAX15004_10 Datasheet
570Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 2; 12/10
MAX15004 MAXIM-MAX15004 Datasheet
536Kb / 29P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 1; 11/07
MAX15004 MAXIM-MAX15004_11 Datasheet
567Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 3; 1/11
MAX17290 MAXIM-MAX17290 Datasheet
1Mb / 18P
   2.5V to 36V, 2.5MHz, PWM Boost Controller with 4μA Shutdown Current and Reduced EMI
Rev 0; 8/16
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com