Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16992ATCD Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16992ATCD
Description  36V, 2.5MHz Automotive Boost SEPIC Controllers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16992ATCD Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16992ATCD Datasheet HTML 6Page - Maxim Integrated Products MAX16992ATCD Datasheet HTML 7Page - Maxim Integrated Products MAX16992ATCD Datasheet HTML 8Page - Maxim Integrated Products MAX16992ATCD Datasheet HTML 9Page - Maxim Integrated Products MAX16992ATCD Datasheet HTML 10Page - Maxim Integrated Products MAX16992ATCD Datasheet HTML 11Page - Maxim Integrated Products MAX16992ATCD Datasheet HTML 12Page - Maxim Integrated Products MAX16992ATCD Datasheet HTML 13Page - Maxim Integrated Products MAX16992ATCD Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Pin Descriptions (continued)
www.maximintegrated.com
Maxim Integrated │ 10
MAX16990/MAX16992
36V, 2.5MHz Automotive Boost/
SEPIC Controllers
MAX16990AUBA/B,
MAX16992AUBA/B
MAX16990ATCC/D,
MAX16992ATCC/D
MAX16990ATCE/F,
MAX16992ATCE/F
NAME
FUNCTION
μMAX-EP
TQFN-EP
TQFN-EP
7
SYNCO
Open-Drain Synchronization Output. SYNCO outputs
a square-wave signal which is 180N out-of-phase
with the device’s operational clock. Connect a pullup
resistor from this pin to PVL or to a 5V or lower
supply when used.
7
OVP
Overvoltage Protection Input. When this pin goes
above 110% of the FB regulation voltage, all
switching is disabled. Operation resumes normally
when OVP drops below 107.5% of the FB regulation
point. Connect a resistor divider between the output,
OVP, and GND to set the overvoltage protection
level.
8
8
REFIN
Reference Input. When using the internal reference
connect REFIN to PVL. Otherwise, drive this pin with
an external voltage between 0.5V and 2V to set the
boost output voltage.
7
9
9
PGOOD
Open-Drain Power-Good Output. Connect a resistor
from this pin to PVL or to another voltage less than or
equal to 5V. PGOOD goes high after soft-start when
the output exceeds 90% of its final value. When EN is
low PGOOD is also low. After soft-start is complete,
if PGOOD goes low and 16 consecutive current-limit
cycles occur, the devices enter hiccup mode and a
new soft-start is initiated after a delay of 44ms.
8
10
10
FSET/
SYNC
Frequency Set/Synchronization. To set a switching
frequency between 100kHz and 1000kHz
(MAX16990) or between 1000kHz and 2500kHz
(MAX16992), connect a resistor from this pin to
GND. To synchronize the converter, connect a logic
signal in the range 220kHz to 1000kHz (MAX16990)
or 1000kHz to 2500kHz (MAX16992) to this input.
The external n-channel MOSFET is turned on (i.e.,
DRV goes high) after a short delay (60ns for 2.2MHz
operation, 125ns for 400kHz) when SYNC transitions
low.
9
11
11
COMP
Output of Error Amplifier. Connect the compensation
network between COMP and GND.
10
12
12
FB
Boost Converter Feedback. This pin is regulated to
1V when REFIN is tied to PVL or otherwise regulated
to REFIN during boost operation. Connect a resistor
divider between the boost output, the FB pin and
GND to set the boost output voltage. In a two-phase
converter connect the FB pin of the slave IC to PVL.


Similar Part No. - MAX16992ATCD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16992ATCD/V++ MAXIM-MAX16992ATCD/V+ Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost/ SEPIC Controllers
2021
MAX16992ATCD/VY++ MAXIM-MAX16992ATCD/VY+ Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost/ SEPIC Controllers
2021
More results

Similar Description - MAX16992ATCD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16990 MAXIM-MAX16990_V01 Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost/ SEPIC Controllers
2021
MAX16990 MAXIM-MAX16990 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
MAX16992 MAXIM-MAX16992 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
MAX15004A MAXIM-MAX15004A Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX15004 MAXIM-MAX15004_10 Datasheet
570Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 2; 12/10
MAX15004 MAXIM-MAX15004 Datasheet
536Kb / 29P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 1; 11/07
MAX15004 MAXIM-MAX15004_11 Datasheet
567Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 3; 1/11
MAX17290 MAXIM-MAX17290 Datasheet
1Mb / 18P
   2.5V to 36V, 2.5MHz, PWM Boost Controller with 4μA Shutdown Current and Reduced EMI
Rev 0; 8/16
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com