Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16992ATCF Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16992ATCF
Description  36V, 2.5MHz Automotive Boost SEPIC Controllers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16992ATCF Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16992ATCF Datasheet HTML 1Page - Maxim Integrated Products MAX16992ATCF Datasheet HTML 2Page - Maxim Integrated Products MAX16992ATCF Datasheet HTML 3Page - Maxim Integrated Products MAX16992ATCF Datasheet HTML 4Page - Maxim Integrated Products MAX16992ATCF Datasheet HTML 5Page - Maxim Integrated Products MAX16992ATCF Datasheet HTML 6Page - Maxim Integrated Products MAX16992ATCF Datasheet HTML 7Page - Maxim Integrated Products MAX16992ATCF Datasheet HTML 8Page - Maxim Integrated Products MAX16992ATCF Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Note 2: All devices 100% production tested at TA = +25NC. Limits over temperature are guaranteed by design.
Electrical Characteristics (continued)
(VSUP = 14V, TA = TJ = -40NC to +125NC, unless otherwise noted. Typical values are at TA =+25NC.) (Note 2)
www.maximintegrated.com
Maxim Integrated │ 4
MAX16990/MAX16992
36V, 2.5MHz Automotive Boost/
SEPIC Controllers
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ERROR AMPLIFIER
REFIN Input Voltage Range
0.5
2
V
REFIN Threshold for 1V FB
Regulation
VPVL -
0.8
VPVL -
0.4
VPVL -
0.1
V
Error-Amplifier gm
AVEA
700
F
S
Error-Amplifier Output
Impedance
ROEA
50
MI
COMP Output Current
ICOMP
140
μA
COMP Clamp Voltage
2.7
3
3.3
V
LOGIC-LEVEL INPUTS/OUTPUTS
PGOOD/SYNCO Output Leakage
Current
VPGOOD/VSYNCO = 5V
0.5
F
A
PGOOD/SYNCO Output Low
Level
Sinking 1mA
0.4
V
EN High Input Threshold
EN rising
1.7
V
EN Low Input Threshold
1.2
V
FSET/SYNC High Input Threshold
2.5
V
FSET/SYNC Low Input Threshold
1
V
EN and REFIN Input Current
-1
+1
F
A


Similar Part No. - MAX16992ATCF

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16992ATCF/VY++ MAXIM-MAX16992ATCF/VY+ Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost/ SEPIC Controllers
2021
More results

Similar Description - MAX16992ATCF

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16990 MAXIM-MAX16990_V01 Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost/ SEPIC Controllers
2021
MAX16990 MAXIM-MAX16990 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
MAX16992 MAXIM-MAX16992 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
MAX15004A MAXIM-MAX15004A Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX15004 MAXIM-MAX15004_10 Datasheet
570Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 2; 12/10
MAX15004 MAXIM-MAX15004 Datasheet
536Kb / 29P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 1; 11/07
MAX15004 MAXIM-MAX15004_11 Datasheet
567Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 3; 1/11
MAX17290 MAXIM-MAX17290 Datasheet
1Mb / 18P
   2.5V to 36V, 2.5MHz, PWM Boost Controller with 4μA Shutdown Current and Reduced EMI
Rev 0; 8/16
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com