Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLH0025-WCR08 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PLH0025-WCR08
Description  Dome Lens SMD LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLH0025-WCR08 Datasheet(HTML) 1 Page - P-tec Corporation

  PLH0025-WCR08 Datasheet HTML 1Page - P-tec Corporation PLH0025-WCR08 Datasheet HTML 2Page - P-tec Corporation PLH0025-WCR08 Datasheet HTML 3Page - P-tec Corporation PLH0025-WCR08 Datasheet HTML 4Page - P-tec Corporation PLH0025-WCR08 Datasheet HTML 5Page - P-tec Corporation PLH0025-WCR08 Datasheet HTML 6Page - P-tec Corporation PLH0025-WCR08 Datasheet HTML 7Page - P-tec Corporation PLH0025-WCR08 Datasheet HTML 8Page - P-tec Corporation PLH0025-WCR08 Datasheet HTML 9Page - P-tec Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.p-tec.net
070815 Rev1 MS
Page 1 of 13
PRODUCT SPECIFICATION
Series Number
PLH00250
Details
 Dome Lens SMD LED
 3.2 x 1.6 x 1.85 mm
 AlInGaP or InGaN chip material
 Packaged on 2,000 piece reel
Features
 Durable and Rugged
 RoHS Compliant
 Easy mounting on PCB
Mechanical Dimensions
Notes:
1. Dimensions in millimeters unless otherwise noted
2. Tolerance is ±0.1mm unless otherwise noted.
3. Specifications subject to change without notice


Similar Part No. - PLH0025-WCR08

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLH006-WCG13 P-TEC-PLH006-WCG13 Datasheet
29Kb / 1P
   PLH006-WCG13
PLH006-WCR12 P-TEC-PLH006-WCR12 Datasheet
29Kb / 1P
   SMD LED SOT23 Package
PLH006-WCY01 P-TEC-PLH006-WCY01 Datasheet
29Kb / 1P
   SMD LED SOT23 Package
PLH007-WCRG1213 P-TEC-PLH007-WCRG1213 Datasheet
30Kb / 1P
   Bi-Color SMD LED SOT23 Package
More results

Similar Description - PLH0025-WCR08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLDS1235 VISHAY-VLDS1235 Datasheet
238Kb / 11P
   Dome Lens SMD LED
Rev. 1.0, 27-Feb-15
VLDX1235 VISHAY-VLDX1235 Datasheet
319Kb / 13P
   Dome Lens SMD LED
Rev. 1.1, 07-Jun-17
VLDX1535 VISHAY-VLDX1535 Datasheet
322Kb / 11P
   Dome Lens SMD LED
Rev. 1.0, 07-Mar-17
logo
HK TO-GRACE TECHNOLOGY ...
VLDS1235G TO-GRACE-VLDS1235G Datasheet
1Mb / 13P
   Dome Lens SMD LED
VLDB1232G-08 TO-GRACE-VLDB1232G-08 Datasheet
745Kb / 10P
   Dome Lens SMD LED
logo
Vishay Siliconix
VLDTG1232 VISHAY-VLDTG1232_V01 Datasheet
235Kb / 10P
   Dome Lens SMD LED
01-Jan-2023
logo
HK TO-GRACE TECHNOLOGY ...
VLDS1535G-08 TO-GRACE-VLDS1535G-08 Datasheet
905Kb / 11P
   Dome Lens SMD LED
logo
Vishay Siliconix
VLDY1235 VISHAY-VLDY1235_V02 Datasheet
317Kb / 13P
   Dome Lens SMD LED
01-Jan-2023
VLDY1535 VISHAY-VLDY1535_V02 Datasheet
315Kb / 11P
   Dome Lens SMD LED
01-Jan-2023
VLDX1535 VISHAY-VLDX1535_V01 Datasheet
315Kb / 11P
   Dome Lens SMD LED
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com