Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27C256-15L Datasheet(PDF) 5 Page - Microchip Technology

Part # 27C256-15L
Description  256K (32K x 8) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

27C256-15L Datasheet(HTML) 5 Page - Microchip Technology

  27C256-15L Datasheet HTML 1Page - Microchip Technology 27C256-15L Datasheet HTML 2Page - Microchip Technology 27C256-15L Datasheet HTML 3Page - Microchip Technology 27C256-15L Datasheet HTML 4Page - Microchip Technology 27C256-15L Datasheet HTML 5Page - Microchip Technology 27C256-15L Datasheet HTML 6Page - Microchip Technology 27C256-15L Datasheet HTML 7Page - Microchip Technology 27C256-15L Datasheet HTML 8Page - Microchip Technology 27C256-15L Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 1996 Microchip Technology Inc.
DS11001L-page 5
27C256
FIGURE 1-2:
PROGRAMMING WAVEFORMS
TABLE 1-6:
MODES
Operation Mode
CE
OE
VPP
A9
O0 - O7
Read
VIL
VIL
VCC
XDOUT
Program
VIL
VIH
VH
XDIN
Program Verify
VIH
VIL
VH
XDOUT
Program Inhibit
VIH
VIH
VH
X
High Z
Standby
VIH
XVCC
X
High Z
Output Disable
VIL
VIH
VCC
X
High Z
Identity
VIL
VIL
VCC
VH
Identity Code
X = Don’t Care
VIH
VIL
VIH
VIL
13.0V(2)
5.0V
6.5V(2)
5.0V
VIH
VIL
VIH
VIL
Address
Data
VPP
VCC
CE
OE
tDF and tOE are characteristics of the device but must be accommodated by the programmer
VCC = 6.5 V
±0.25V, VPP = VH = 13.0V ±0.25V for express algorithm
tPW
tOES
Address Stable
tAH
tDS
tVPS
tDF
(1)
tDH
tOE
(1)
tAS
Program
Data Stable
Data Out Valid
Verify
tVCS
Notes:
(1)
(2)
High Z
1.2
Read Mode
(See Timing Diagrams and AC Characteristics)
Read Mode is accessed when:
a)
the CE pin is low to power up (enable) the chip
b)
the OE pin is low to gate the data to the output
pins
For Read operations, if the addresses are stable, the
address access time (tACC) is equal to the delay from
CE to output (tCE). Data is transferred to the output
after a delay from the falling edge of OE (tOE).


Similar Part No. - 27C256-15L

ManufacturerPart #DatasheetDescription
logo
Macronix International
27C256-15 MCNIX-27C256-15 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
Microchip Technology
27C256-15/L MICROCHIP-27C256-15/L Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256-15/P MICROCHIP-27C256-15/P Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256-15/SO MICROCHIP-27C256-15/SO Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
NXP Semiconductors
27C256-15A PHILIPS-27C256-15A Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
More results

Similar Description - 27C256-15L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
Microchip Technology
27LV256 MICROCHIP-27LV256 Datasheet
64Kb / 12P
   256K (32K x 8) Low-Voltage CMOS EPROM
1996
27LV256 MICROCHIP-27LV256_04 Datasheet
132Kb / 10P
   256K (32K x 8) Low-Voltage CMOS EPROM
2004
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
STMicroelectronics
M27256 STMICROELECTRONICS-M27256 Datasheet
93Kb / 10P
   NMOS 256K 32K x 8 UV EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com