Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR320UE6327 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BCR320UE6327
Description  LED Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR320UE6327 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BCR320UE6327_15 Datasheet HTML 3Page - Infineon Technologies AG BCR320UE6327_15 Datasheet HTML 4Page - Infineon Technologies AG BCR320UE6327_15 Datasheet HTML 5Page - Infineon Technologies AG BCR320UE6327_15 Datasheet HTML 6Page - Infineon Technologies AG BCR320UE6327_15 Datasheet HTML 7Page - Infineon Technologies AG BCR320UE6327_15 Datasheet HTML 8Page - Infineon Technologies AG BCR320UE6327_15 Datasheet HTML 9Page - Infineon Technologies AG BCR320UE6327_15 Datasheet HTML 10Page - Infineon Technologies AG BCR320UE6327_15 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
BCR 320U E6327 / BCR 321U E6327
LED Driver
Datasheet
7
Revision 2.1, 2015-01-28
1
LED Driver
1.1
Features
1.2
Applications
Architectural LED lighting
Channel letters for advertising, LED strips for decorative lighting
Retail lighting in fridge, freezer case and vending machines
Emergency lighting (e.g. steps lighting, exit way signs etc.)
1.3
General Description
The BCR 320U E6327 / BCR 321U E6327 provides a low-cost solution for driving 0.5 W LEDs with a typical LED
current of 150 mA to 200 mA. Internal breakdown voltage is higher than 16 V which is the maximum voltage the
LED driver can sustain when the output is directly connected to supply voltage.
The BCR 320U E6327 / BCR 321U E6327 can be operated with a supply voltage of more than 16 V considering
the voltage drop of the LED load which reduces the output voltage to the maximum rating of the driver.
The enable pin of BCR 320U E6327 can withstand a maximum voltage of 25 V which can be increased adding a
series resistor in front of the enable pin reducing the voltage at the enable pin below 25 V.
The digital input pin of BCR 321U E6327 allows dimming via a micro controller with frequencies up to 10 kHz.
A reduction of the output current at higher temperatures is the result of the negative temperature coefficient of -
0.2 %/K of the LED driver.
With no need for additional external components like inductors, capacitors and free wheeling diodes, the BCR
320U E6327 / BCR 321U E6327 LED drivers are a cost-efficient and PCB-area saving solution for driving 0.5 W
LEDs.
LED drive current preset to 10 mA
Continuous output current up to 250 mA with an external resistor
Easy paralleling of drivers to increase current
Supply voltage up to 25 V
Low side current control
Digital PWM input up to 10 kHz frequency (BCR 321U E6327)
Up to 1 W power dissipation in a small SC74 package
Negative thermal coefficient of -0.2 %/K reduces output current at higher temperatures
RoHS compliant (Pb-free) package
Automotive qualified according AEC Q101
SC74-3D


Similar Part No. - BCR320UE6327_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR320U INFINEON-BCR320U Datasheet
133Kb / 12P
   LED Driver
2010-01-15
More results

Similar Description - BCR320UE6327_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com