Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1EDI05I12AF Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # 1EDI05I12AF
Description  Separate output variant for IGBT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

1EDI05I12AF Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button 1EDI05I12AF_15 Datasheet HTML 3Page - Infineon Technologies AG 1EDI05I12AF_15 Datasheet HTML 4Page - Infineon Technologies AG 1EDI05I12AF_15 Datasheet HTML 5Page - Infineon Technologies AG 1EDI05I12AF_15 Datasheet HTML 6Page - Infineon Technologies AG 1EDI05I12AF_15 Datasheet HTML 7Page - Infineon Technologies AG 1EDI05I12AF_15 Datasheet HTML 8Page - Infineon Technologies AG 1EDI05I12AF_15 Datasheet HTML 9Page - Infineon Technologies AG 1EDI05I12AF_15 Datasheet HTML 10Page - Infineon Technologies AG 1EDI05I12AF_15 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ED-
Compact
1EDI EiceDRIVER™ Compact
Single Channel IGBT Gate Driver IC
Separate output
variant for IGBT
Data Sheet
7
Rev. 2.0, 2014-11-10
1Overview
Main Features
Single channel isolated IGBT Driver
Input to output isolation voltage up to 1200 V
For high voltage power IGBTs
Up to 10 A typical peak current at rail-to-rail outputs
Separate source and sink outputs
Product Highlights
Galvanically isolated Coreless Transformer Driver
Wide input voltage operating range
Suitable for operation at high ambient temperature
Typical Application
AC and Brushless DC Motor Drives
High Voltage DC/DC-Converter and DC/AC-Inverter
Induction Heating Resonant Application
UPS-Systems
Welding
•Solar
Description
The 1EDI05I12AF, 1EDI20I12AF, 1EDI40I12AF, and 1EDI60I12AF are galvanically isolated single channel IGBT
driver in a PG-DSO-8-51 package that provide minimum output currents up to 6 A at separated output pins.
The input logic pins operate on a wide input voltage range from 3 V to 15 V using CMOS threshold levels to
support even 3.3 V microcontroller.
Data transfer across the isolation barrier is realized by the Coreless Transformer Technology.
Every driver family member comes with logic input and driver output under voltage lockout (UVLO) and active
shutdown.
Product Name
Gate Drive Current (min)
Package
1EDI05I12AF
±0.5 A
PG-DSO-8-51
1EDI20I12AF
±2.0 A
PG-DSO-8-51
1EDI40I12AF
±4.0 A
PG-DSO-8-51
1EDI60I12AF
±6.0 A
PG-DSO-8-51


Similar Part No. - 1EDI05I12AF_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
1EDI05I12AF INFINEON-1EDI05I12AF Datasheet
1Mb / 22P
   Separate output variant for IGBT
Rev. 1.00, 2013-11-20
More results

Similar Description - 1EDI05I12AF_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
1EDI05I12AF INFINEON-1EDI05I12AF Datasheet
1Mb / 22P
   Separate output variant for IGBT
Rev. 1.00, 2013-11-20
1EDI60N12AF INFINEON-1EDI60N12AF Datasheet
1Mb / 22P
   Separate output variant for MOSFET
Rev. 2.0, 2015-06-01
1EDI10I12MF INFINEON-1EDI10I12MF Datasheet
1Mb / 22P
   Output with Clamp variant for IGBT
Rev. 2.0, 2014-11-10
logo
Sanken electric
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
   2-Output Separate Excitation Switching Type
logo
PHOENIX CONTACT
2900752 PHOENIX-2900752 Datasheet
88Kb / 3P
   Figure shows variant for 4 modules
2900746 PHOENIX-2900746 Datasheet
88Kb / 3P
   Figure shows variant for 4 modules
2900747 PHOENIX-2900747 Datasheet
88Kb / 3P
   Figure shows variant for 4 modules
2900749 PHOENIX-2900749 Datasheet
88Kb / 3P
   Figure shows variant for 4 modules
2900750 PHOENIX-2900750 Datasheet
88Kb / 3P
   Figure shows variant for 4 modules
2900751 PHOENIX-2900751 Datasheet
88Kb / 3P
   Figure shows variant for 4 modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com