Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1EDI05I12AF Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # 1EDI05I12AF
Description  Separate output variant for IGBT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

1EDI05I12AF Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button 1EDI05I12AF_15 Datasheet HTML 7Page - Infineon Technologies AG 1EDI05I12AF_15 Datasheet HTML 8Page - Infineon Technologies AG 1EDI05I12AF_15 Datasheet HTML 9Page - Infineon Technologies AG 1EDI05I12AF_15 Datasheet HTML 10Page - Infineon Technologies AG 1EDI05I12AF_15 Datasheet HTML 11Page - Infineon Technologies AG 1EDI05I12AF_15 Datasheet HTML 12Page - Infineon Technologies AG 1EDI05I12AF_15 Datasheet HTML 13Page - Infineon Technologies AG 1EDI05I12AF_15 Datasheet HTML 14Page - Infineon Technologies AG 1EDI05I12AF_15 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
1EDI EiceDRIVER™ Compact
Separate output variant for IGBT
Pin Configuration and Functionality
Data Sheet
11
Rev. 2.0, 2014-11-10
IN- Inverting Driver Input
IN- inverted control signal for driver output if IN+ is set to high. (Output sourcing active at IN- = low and IN+ = high)
Due to internal filtering a minimum pulse width is defined to ensure robustness against noise at IN-. An internal
weak pull-up-resistor favors off-state.
GND1
Ground connection of input circuit.
VCC2
Positive power supply pin of output driving circuit. A proper blocking capacitor has to be placed close to this supply
pin.
OUT+ Driver Source Output
Driver source output pin to turn on external IGBT. During on-state the driving output is switched to VCC2.
Switching of this output is controlled by IN+ and IN-. This output will also be turned off at an UVLO event.
During turn off the OUT+ terminal is able to sink approx. 100 mA.
OUT- Driver Sink Output
Driver sink output pin to turn off external IGBT. During off-state the driving output is switched to GND2. Switching
of this output is controlled by IN+ and IN-. In case of UVLO an active shut down keeps the output voltage at a low
level.
GND2 Reference Ground
Reference ground of the output driving circuit.
In case of a bipolar supply (positive and negative voltage referred to IGBT emitter) this pin is connected to the
negative supply voltage.


Similar Part No. - 1EDI05I12AF_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
1EDI05I12AF INFINEON-1EDI05I12AF Datasheet
1Mb / 22P
   Separate output variant for IGBT
Rev. 1.00, 2013-11-20
More results

Similar Description - 1EDI05I12AF_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
1EDI05I12AF INFINEON-1EDI05I12AF Datasheet
1Mb / 22P
   Separate output variant for IGBT
Rev. 1.00, 2013-11-20
1EDI60N12AF INFINEON-1EDI60N12AF Datasheet
1Mb / 22P
   Separate output variant for MOSFET
Rev. 2.0, 2015-06-01
1EDI10I12MF INFINEON-1EDI10I12MF Datasheet
1Mb / 22P
   Output with Clamp variant for IGBT
Rev. 2.0, 2014-11-10
logo
Sanken electric
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
   2-Output Separate Excitation Switching Type
logo
PHOENIX CONTACT
2900752 PHOENIX-2900752 Datasheet
88Kb / 3P
   Figure shows variant for 4 modules
2900746 PHOENIX-2900746 Datasheet
88Kb / 3P
   Figure shows variant for 4 modules
2900747 PHOENIX-2900747 Datasheet
88Kb / 3P
   Figure shows variant for 4 modules
2900749 PHOENIX-2900749 Datasheet
88Kb / 3P
   Figure shows variant for 4 modules
2900750 PHOENIX-2900750 Datasheet
88Kb / 3P
   Figure shows variant for 4 modules
2900751 PHOENIX-2900751 Datasheet
88Kb / 3P
   Figure shows variant for 4 modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com