Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR402UE6327 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BCR402UE6327
Description  LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR402UE6327 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BCR402UE6327_15 Datasheet HTML 3Page - Infineon Technologies AG BCR402UE6327_15 Datasheet HTML 4Page - Infineon Technologies AG BCR402UE6327_15 Datasheet HTML 5Page - Infineon Technologies AG BCR402UE6327_15 Datasheet HTML 6Page - Infineon Technologies AG BCR402UE6327_15 Datasheet HTML 7Page - Infineon Technologies AG BCR402UE6327_15 Datasheet HTML 8Page - Infineon Technologies AG BCR402UE6327_15 Datasheet HTML 9Page - Infineon Technologies AG BCR402UE6327_15 Datasheet HTML 10Page - Infineon Technologies AG BCR402UE6327_15 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
BCR 402U E6327
LED Driver
Datasheet
7
Revision 2.1, 2015-01-28
1
LED Driver
1.1
Features
1.2
Applications
Channel letters for advertising, LED strips for decorative lighting
Aircraft, train, ship illumination
Retrofits for general lighting, white goods like refrigerator lighting
Medical lighting
Automotive applications like CHMSL and rear combination lights
1.3
General Description
The BCR 402U E6327 is a cost efficient LED driver to drive low power LEDs. The advantages towards resistor
biasing are:
homogenous light output despite varying forward voltages in different LED strings
homogenous light output of LEDs despite voltage drop across long supply lines
homogenous light output independent from supply voltage variations
longer lifetime of the LEDs due to reduced output current at higher temperatures (negative thermal coefficient)
The advantages towards discrete solutions are:
lower assembly cost
smaller form factor
higher reliability due to less soldering joints
higher output current accuracy due to pretested LED drivers
Dimming is possible by using an external digital transistor at the ground pin.
The BCR 402U E6327 can be operated at higher supply voltages by putting LEDs between the supply voltage VS
and the power supply pin of the LED driver. You can find further details in our application notes.
The BCR 402U E6327 is a perfect fit for numerous low power LED applications by combining small form factor
with low cost. These LED drivers offer several advantages to resistors like significantly higher current control at
very low voltage drop ensuring high lifetime of LEDs.
LED drive current preset to 20 mA
Output current adjustable up to 65 mA with an external resistor
Easy paralleling of drivers to increase current
Supply voltage up to 40 V
High current accuracy at supply voltage variation
Low voltage overhead of 1.4 V
Up to 750 mW power dissipation in a small SC74 package
Negative thermal coefficient of -0.2 %/K reduces output current at higher temperatures
RoHS compliant (Pb-free) package
Automotive qualified according AEC Q101
SC74-3D


Similar Part No. - BCR402UE6327_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR402U INFINEON-BCR402U Datasheet
197Kb / 8P
   Light Emitting Diode (LED) Driver IC Provides Constant LED Current Independent of Supply Voltage Variation
16-Jan-2004
BCR402U INFINEON-BCR402U Datasheet
174Kb / 5P
   LED Driver(Supplies stable bias current even at low battery voltage)
Feb-03-2004
BCR402U INFINEON-BCR402U Datasheet
124Kb / 9P
   LED Driver
2009-07-31
logo
Diodes Incorporated
BCR402UW6 DIODES-BCR402UW6 Datasheet
403Kb / 7P
   20 to 100mA LED CONSTANT CURRENT REGULATOR in SOT26
BCR402UW6 DIODES-BCR402UW6 Datasheet
684Kb / 13P
   LED CONSTANT CURRENT REGULATOR
More results

Similar Description - BCR402UE6327_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com