Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA040-ESN Datasheet(PDF) 9 Page - Microchip Technology

Part # 24AA040-ESN
Description  4K SPI ??Bus Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA040-ESN Datasheet(HTML) 9 Page - Microchip Technology

Back Button 24AA040-ESN Datasheet HTML 4Page - Microchip Technology 24AA040-ESN Datasheet HTML 5Page - Microchip Technology 24AA040-ESN Datasheet HTML 6Page - Microchip Technology 24AA040-ESN Datasheet HTML 7Page - Microchip Technology 24AA040-ESN Datasheet HTML 8Page - Microchip Technology 24AA040-ESN Datasheet HTML 9Page - Microchip Technology 24AA040-ESN Datasheet HTML 10Page - Microchip Technology 24AA040-ESN Datasheet HTML 11Page - Microchip Technology 24AA040-ESN Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
© 2006 Microchip Technology Inc.
DS21204E-page 9
25AA040/25LC040/25C040
3.4
Write Enable (WREN) and Write
Disable (WRDI)
The 25XX040 contains a write enable latch.
See
Table 3-3 for the Write-Protect Functionality Matrix.
This latch must be set before any write operation will be
completed internally. The WREN instruction will set the
latch, and the WRDI will reset the latch.
The following is a list of conditions under which the
write enable latch will be reset:
• Power-up
• WRDI instruction successfully executed
• WRSR instruction successfully executed
• WRITE instruction successfully executed
•WP line is low
FIGURE 3-4:
WRITE ENABLE SEQUENCE
FIGURE 3-5:
WRITE DISABLE SEQUENCE
SCK
0
234567
1
SI
High-impedance
SO
CS
01
0000
0
1
SCK
0
234567
1
SI
High-impedance
SO
CS
01
0000
0
10


Similar Part No. - 24AA040-ESN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA04 MICROCHIP-24AA04 Datasheet
93Kb / 12P
   4K/8K 1.8V I2C Serial EEPROMs
1996
24AA04 MICROCHIP-24AA04 Datasheet
418Kb / 26P
   4K I2C??Serial EEPROM
2007
24AA04 MICROCHIP-24AA04 Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24AA04 MICROCHIP-24AA04 Datasheet
343Kb / 26P
   4K I2C Serial EEPROM
12/08/06
24AA04-E/CS16K MICROCHIP-24AA04-E/CS16K Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
More results

Similar Description - 24AA040-ESN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC040P MICROCHIP-25LC040P Datasheet
421Kb / 22P
   4K SPI Bus Serial EEPROM
2006
25AA040 MICROCHIP-25AA040_06 Datasheet
419Kb / 22P
   4K SPI ??Bus Serial EEPROM
2006
25AA040A MICROCHIP-25AA040A Datasheet
571Kb / 28P
   4K SPI Bus Serial EEPROM
2007
25AA040A MICROCHIP-25AA040A_09 Datasheet
475Kb / 30P
   4K SPI Bus Serial EEPROM
2009
25AA040A MICROCHIP-25AA040A_12 Datasheet
1Mb / 38P
   4K SPI Bus Serial EEPROM
11/27/12
25AA040 MICROCHIP-25AA040 Datasheet
335Kb / 22P
   4K SPI Bus Serial EEPROM
08/29/06
logo
STMicroelectronics
ST95P04 STMICROELECTRONICS-ST95P04 Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
logo
Fairchild Semiconductor
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com