Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27C04A-20L Datasheet(PDF) 5 Page - Microchip Technology

Part # 27C04A-20L
Description  4K (512 x 8) CMOS EEPROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

27C04A-20L Datasheet(HTML) 5 Page - Microchip Technology

  27C04A-20L Datasheet HTML 1Page - Microchip Technology 27C04A-20L Datasheet HTML 2Page - Microchip Technology 27C04A-20L Datasheet HTML 3Page - Microchip Technology 27C04A-20L Datasheet HTML 4Page - Microchip Technology 27C04A-20L Datasheet HTML 5Page - Microchip Technology 27C04A-20L Datasheet HTML 6Page - Microchip Technology 27C04A-20L Datasheet HTML 7Page - Microchip Technology 27C04A-20L Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 1996 Microchip Technology Inc.
DS11126F-page 5
28C04A
FIGURE 1-3:
DATA POLLING WAVEFORMS
FIGURE 1-4:
CHIP CLEAR WAVEFORMS
Address Valid
Last Written
Address Valid
t ACC
t CE
t WPL
t WPH
t DV
t WC
t OE
True Data Out
Data In
Valid
VIH
VIL
Data
OE
WE
CE
Address
I/O7 Out
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VH
VIH
CE
OE
WE
tS
tH
tW
tS =
= 1
µs
tH
= 10ms
tW
VIH
VIL
VIH
VIL
= 12.0V
±0.5V
VH


Similar Part No. - 27C04A-20L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
27C040 FAIRCHILD-27C040 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
27C040 FAIRCHILD-27C040 Datasheet
111Kb / 11P
   4,194,304-Bit (512K x 8) High Performance CMOS EPROM
logo
ATMEL Corporation
27C040 ATMEL-27C040 Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
logo
NXP Semiconductors
27C040 PHILIPS-27C040 Datasheet
481Kb / 14P
   4 MEG COMS EPROM(512K x 8)
November 1990
More results

Similar Description - 27C04A-20L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
28C04A MICROCHIP-28C04A_04 Datasheet
127Kb / 10P
   4K (512 x 8) CMOS EEPROM
2004
logo
ATMEL Corporation
AT24HC04B ATMEL-AT24HC04B Datasheet
617Kb / 19P
   Two-wire Serial EEPROM 4K (512 x 8)
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
logo
STMicroelectronics
ST95P04 STMICROELECTRONICS-ST95P04 Datasheet
151Kb / 16P
   SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
logo
ATMEL Corporation
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
   Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
logo
STMicroelectronics
ST93C66 STMICROELECTRONICS-ST93C66 Datasheet
107Kb / 13P
   4K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM
logo
Renesas Technology Corp
X4043 RENESAS-X4043 Datasheet
908Kb / 24P
   4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
logo
List of Unclassifed Man...
TU24C04 ETC2-TU24C04 Datasheet
39Kb / 8P
   CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
24C04 ETC1-24C04 Datasheet
44Kb / 8P
   CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
logo
Hitachi Semiconductor
HN58X2402SI HITACHI-HN58X2402SI Datasheet
62Kb / 19P
   Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com