Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGSF110GN26 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BGSF110GN26
Description  Antenna Switch Module with integrated GPIO interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGSF110GN26 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BGSF110GN26_15 Datasheet HTML 3Page - Infineon Technologies AG BGSF110GN26_15 Datasheet HTML 4Page - Infineon Technologies AG BGSF110GN26_15 Datasheet HTML 5Page - Infineon Technologies AG BGSF110GN26_15 Datasheet HTML 6Page - Infineon Technologies AG BGSF110GN26_15 Datasheet HTML 7Page - Infineon Technologies AG BGSF110GN26_15 Datasheet HTML 8Page - Infineon Technologies AG BGSF110GN26_15 Datasheet HTML 9Page - Infineon Technologies AG BGSF110GN26_15 Datasheet HTML 10Page - Infineon Technologies AG BGSF110GN26_15 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
BGSF110GN26
Antenna Switch
Module with integrated GPIO interface
BGSF110GN26 Features
Application Note AN306, Rev. 1.0
2014-11-28
7 / 23
2.3
Pin Configuration
Figure 2
BGSF110GN26 pin configuration
2.4
Pin Description
Table 1
Pin description (top view)
Pin NO
Name
Pin Type
Function
0
GND
GND
Ground, die pad
1
GND
GND
DC ground
2
TRX4
I/O
WCDMA TRX port
3
TRX5
I/O
WCDMA TRX port
4
TRX6
I/O
WCDMA TRX port
5
GND
GND
RF ground
6
GND
GND
RF ground
7
ANT
I/O
Antenna port
8
GND
GND
RF ground
9
GND
GND
RF ground
10
TX2
I
GSM HB port
11
GND
GND
RF ground
12
GND
GND
RF ground
13
TX1
I
GSM LB port
14
GND
GND
RF ground
15
TRX8
I/O
WCDMA TRX port
16
GND
GND
RF ground
17
TRX7
I/O
WCDMA TRX port
18
TRX1
I/O
WCDMA TRX port
19
TRX2
I/O
WCDMA TRX port
20
TRX3
I/O
WCDMA TRX port
1
8
14
21
26
VDD
V4
V3
V2
V1
GND
TRX4
TRX5
TRX6
GND
GND
GND
ANT
TX1
GND
GND
TX2
GND
GND
TRX3
TRX2
TRX1
TRX7
GND
GND
TRX8
PG-TSNP-26-2
3.4 x 2.6 mm
400 µm pad pitch


Similar Part No. - BGSF110GN26_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGSF1717MN26 INFINEON-BGSF1717MN26 Datasheet
1Mb / 41P
   Antenna Switch Module with integrated MIPI RFFE Interface
Revision 1.0, 2015-10-03
BGSF18DM20 INFINEON-BGSF18DM20 Datasheet
1Mb / 17P
   SP8T Antenna Switch Module with integrated SPI controller
Revision 2.4, 2013-05-31
More results

Similar Description - BGSF110GN26_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGS17GA14 INFINEON-BGS17GA14 Datasheet
712Kb / 13P
   SP7T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-29
BGS18GA14 INFINEON-BGS18GA14 Datasheet
713Kb / 13P
   SP8T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-29
BGS15GA14 INFINEON-BGS15GA14 Datasheet
731Kb / 13P
   SP5T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-11
BGS14GA14 INFINEON-BGS14GA14 Datasheet
730Kb / 13P
   SP4T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-11
BGS13GA14 INFINEON-BGS13GA14 Datasheet
729Kb / 13P
   SP3T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-11
BGS16GA14 INFINEON-BGS16GA14 Datasheet
712Kb / 13P
   SP6T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-29
BGSF1717MN26 INFINEON-BGSF1717MN26 Datasheet
1Mb / 41P
   Antenna Switch Module with integrated MIPI RFFE Interface
Revision 1.0, 2015-10-03
BGSX22G6U10 INFINEON-BGSX22G6U10 Datasheet
632Kb / 14P
   DPDT cross switch with GPIO control interface
Revision 2.0 2021-05-21
BGSF18DM20 INFINEON-BGSF18DM20 Datasheet
1Mb / 17P
   SP8T Antenna Switch Module with integrated SPI controller
Revision 2.4, 2013-05-31
logo
RF Micro Devices
RF1255 RFMD-RF1255 Datasheet
171Kb / 2P
   ANTENNA SWITCH MODULE WITH DUAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com