Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS6110-1SJA Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BTS6110-1SJA
Description  Smart High-Side Power Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6110-1SJA Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BTS6110-1SJA Datasheet HTML 5Page - Infineon Technologies AG BTS6110-1SJA Datasheet HTML 6Page - Infineon Technologies AG BTS6110-1SJA Datasheet HTML 7Page - Infineon Technologies AG BTS6110-1SJA Datasheet HTML 8Page - Infineon Technologies AG BTS6110-1SJA Datasheet HTML 9Page - Infineon Technologies AG BTS6110-1SJA Datasheet HTML 10Page - Infineon Technologies AG BTS6110-1SJA Datasheet HTML 11Page - Infineon Technologies AG BTS6110-1SJA Datasheet HTML 12Page - Infineon Technologies AG BTS6110-1SJA Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
BTS6110-1SJA
Power Stage
Data Sheet
9
Rev. 1.1, 2014-11-24
6
Power Stage
The power stage is built using an N-channel vertical power MOSFET (DMOS) with charge pump.
6.1
Output ON-state Resistance
The ON-state resistance RDS(ON) depends on the junction temperature TJ. Figure 8 shows the dependencies in
terms of temperature for the typical ON-state resistance. The behavior in reverse polarity is described in
Chapter 7.2
.
Figure 8
Typical ON-state Resistance
6.2
Turn ON/OFF Characteristics with Resistive Load
A low voltage event at the OUT pin causes the power DMOS to switch ON with a dedicated slope, optimized in
terms of Electro Magnetic Emission.
Chapter 7.2
shows the typical timing when switching a resistive load.
Figure 9
Switching a Resistive Load Timing
-40
-20
0
20
40
60
80
100
120
140
160
40
60
80
100
120
140
160
180
temp [°C]
typical R
DS(ON)
with V
CHI
typical R
DS(ON)
with V
CLO
BTS6110-1EJA
VOUT
tRISE
tINIT
tFALL
90% VS
10% VS
t
Switching times .vsd
30% VS
70% VS
dV/dt ON
dV/dt OFF


Similar Part No. - BTS6110-1SJA

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS611L1 INFINEON-BTS611L1 Datasheet
438Kb / 14P
   Fast demagnetization of inductive loads
2013-10-11
logo
Siemens Semiconductor G...
BTS611L1E3128A SIEMENS-BTS611L1E3128A Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1E3128A INFINEON-BTS611L1E3128A Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
More results

Similar Description - BTS6110-1SJA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com