Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY66104 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SKY66104
Description  1787 to 1930 MHz High-Power RF Front-End Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66104 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SKY66104_11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY66104_11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY66104_11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66104_11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66104_11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66104_11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66104_11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66104_11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66104_11 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DATA SHEET • SKY66104-11: HIGH-POWER RF FEM
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
December 9, 2014 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202908C
Table 5. SKY66104-11 Transmit Mode Electrical Specifications (Note 1) (Note 2)
(VCC1/2 = +3.6 V, VDD = 3.6 V, TC = +25
C, PIN = 0 dBm, as Measured on the SKY66104-11 Evaluation Board (De-Embedded to Device),
All Used and Unused Ports Terminated with 50
Ω, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Frequency range (Note 3)
f
1880
1930
MHz
Output power at ANT1/2 ports (Note 4)
POUT
NTP
≥ 1.55 V
NTP ≤ 0.3 V
+24
+0
dBm
dBm
Output power variation over temperature
(Note 4) (Note 5)
POUT_TV
TC = –40
C to +85 C,
relative to the value at
25
C
–2
–0.9/+0.8
+2
dB
NTP input voltage (Note 4)
NTP
POUT = +15 dB
POUT = +10 dB
0.7
0.5
V
V
Small signal gain
S21
PIN = –25 dBm,
NTP
= 1.8 V
+27
dB
TX-RX port isolation
S21TX-RX
Pin 13 relative to pin 18
5
dB
Ant–RX port isolation
S21ANT-RX
Pin 13 relative to pin 5 or 7
29
dB
Input return loss
S11
@ TX port
–12
–7
dB
Output return loss
S22
–12
–8
dB
1 dB output compression point (Note 6)
OP1dB
NTP
= 1.8 V
+24
dBm
2nd and 3rd harmonics
2fo, 3fo
NTP
= 1.8 V, CW
–50
–30
dBc
Higher harmonics (Note 5)
4fo to 10 fo
NTP
= 1.8 V, CW
–50
–40
dBc
Turn-on time (Note 5)
tON
From 50% of rising logic
control to 90% of final RF
output power
1.6
5
μs
Turn-off time (Note 5)
tOFF
From 50% of falling logic
control to 10% of final RF
output power
0.3
5
μs
Stability (Note 5)
Stab
NTP
= 1.8 V, CW
f = 0.1 GHz to 20 GHz,
load VSWR = 6:1
All non-harmonically related outputs < –40 dBm
Ruggedness (Note 5)
RU
NTP
= 1.8 V, CW
load VSWR = 6:1
No permanent damage
Note 1: Performance is guaranteed only under the conditions listed in this Table. Production testing is performed at 1905 MHz. Transmit (TX) Mode configuration is defined in Table 9. Typical
performance shown is for Engineering Sample 2 (ES2).
Note 2: With specified matching network between pins PA_OUT and OMN_SW. POUT measured at ANT1/ANT2 ports.
Note 3: f = 1787 MHz to 1880 MHz at reduced performance with POUT = +20 dBm.
Note 4: NTP is an analog input control. See Figure 3 for typical characteristics.
Note 5: Not tested in production. Fully characterized and guaranteed by design.
Note 6: Starting point for test is PIN = –13 dBm.


Similar Part No. - SKY66104_11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66104-11 SKYWORKS-SKY66104-11 Datasheet
740Kb / 14P
   1787 to 1930 MHz High-Power RF Front-End Module
More results

Similar Description - SKY66104_11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66104-11 SKYWORKS-SKY66104-11 Datasheet
740Kb / 14P
   1787 to 1930 MHz High-Power RF Front-End Module
SE2442L SKYWORKS-SE2442L Datasheet
895Kb / 13P
   902 to 928 MHz High-Power RF Front-End Module
SE2435L SKYWORKS-SE2435L Datasheet
1Mb / 14P
   860 to 930 MHz High-Power RF Front-End Module
SKY65362-11 SKYWORKS-SKY65362-11 Datasheet
473Kb / 13P
   900 to 930 MHz High-Power RF Front-End Module
SKY66421-11 SKYWORKS-SKY66421-11 Datasheet
634Kb / 13P
   860 to 930 MHz RF Front-End Module
SKY65378 SKYWORKS-SKY65378_11 Datasheet
732Kb / 12P
   860 to 930 MHz RF Front-End Module
SKY66423-11 SKYWORKS-SKY66423-11 Datasheet
639Kb / 12P
   860 to 930 MHz RF Front-End Module
SKY66420-11 SKYWORKS-SKY66420-11 Datasheet
683Kb / 14P
   860 to 930 MHz RF Front-End Module
SKY65362 SKYWORKS-SKY65362_11 Datasheet
473Kb / 13P
   900 to 930 MHz High-Power RF Front-End
SKY66115 SKYWORKS-SKY66115_11 Datasheet
185Kb / 2P
   470 to 510 MHz Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com