Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFX1763 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IFX1763
Description  Wide Input Range Low Noise 500mA LDO
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX1763 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IFX1763 Datasheet HTML 1Page - Infineon Technologies AG IFX1763 Datasheet HTML 2Page - Infineon Technologies AG IFX1763 Datasheet HTML 3Page - Infineon Technologies AG IFX1763 Datasheet HTML 4Page - Infineon Technologies AG IFX1763 Datasheet HTML 5Page - Infineon Technologies AG IFX1763 Datasheet HTML 6Page - Infineon Technologies AG IFX1763 Datasheet HTML 7Page - Infineon Technologies AG IFX1763 Datasheet HTML 8Page - Infineon Technologies AG IFX1763 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
IFX1763
Overview
Data Sheet
3
Rev. 1.1, 2014-10-30
The IFX1763 is a micropower, low noise, low dropout voltage regulator. The device is capable of supplying an
output current of 500 mA with a dropout voltage of 320 mV. Designed for use in battery-powered systems, the low
quiescent current of 30 µA makes it an ideal choice.
A key feature of the IFX1763 is its low output noise. By adding an external 0.01 µF bypass capacitor output noise
values down to 24 µ
V
RMS over a 10 Hz to 100 kHz bandwidth can be reached. The IFX1763 voltage regulator is
stable with output capacitors as small as 3.3 µF. Small ceramic capacitors can be used without the series
resistance required by many other regulators. Its internal protection circuitry includes reverse battery protection,
current limiting and reverse current protection. The IFX1763 comes as fixed output voltage 3.3 V as well as
adjustable device with a 1.22 V reference voltage. It is available in a DSO-8 Exposed Pad and as well as in a
TSON-10 Exposed Pad package.


Similar Part No. - IFX1763

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX1763LDV INFINEON-IFX1763LDV Datasheet
2Mb / 31P
   Wide Input Range Low Noise 500mA LDO
Rev. 1.1, 2014-10-30
IFX1763LDV33 INFINEON-IFX1763LDV33 Datasheet
2Mb / 31P
   Wide Input Range Low Noise 500mA LDO
Rev. 1.1, 2014-10-30
IFX1763LDV50 INFINEON-IFX1763LDV50 Datasheet
2Mb / 25P
   Wide Input Range Low Noise 500mA 5V LDO
Rev. 1.11, 2015-01-30
IFX1763XEJV33 INFINEON-IFX1763XEJV33 Datasheet
2Mb / 31P
   Wide Input Range Low Noise 500mA LDO
Rev. 1.1, 2014-10-30
IFX1763XEJV33 INFINEON-IFX1763XEJV33 Datasheet
731Kb / 26P
   iMOTION™ Modular Application Design Kit
Revision 1.0 2017-05-22
More results

Similar Description - IFX1763

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FX1763XEJV INFINEON-FX1763XEJV Datasheet
2Mb / 31P
   Wide Input Range Low Noise 500mA LDO
Rev. 1.1, 2014-10-30
IFX1763XEJV50 INFINEON-IFX1763XEJV50_15 Datasheet
2Mb / 25P
   Wide Input Range Low Noise 500mA 5V LDO
Rev. 1.11, 2015-01-30
IFX54441 INFINEON-IFX54441_15 Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
IFX54441EJV INFINEON-IFX54441EJV Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
IFX54441EJV50 INFINEON-IFX54441EJV50_15 Datasheet
2Mb / 25P
   Wide Input Range Low Noise 300mA 5V LDO
Rev. 1.1, 2014-10-30
logo
Renesas Technology Corp
RAA214250 RENESAS-RAA214250 Datasheet
1Mb / 36P
   500mA 20V Wide Input Voltage Range LDO Linear Regulator
Oct 14, 2021
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com