Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFX1763 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IFX1763
Description  Wide Input Range Low Noise 500mA LDO
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX1763 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IFX1763 Datasheet HTML 2Page - Infineon Technologies AG IFX1763 Datasheet HTML 3Page - Infineon Technologies AG IFX1763 Datasheet HTML 4Page - Infineon Technologies AG IFX1763 Datasheet HTML 5Page - Infineon Technologies AG IFX1763 Datasheet HTML 6Page - Infineon Technologies AG IFX1763 Datasheet HTML 7Page - Infineon Technologies AG IFX1763 Datasheet HTML 8Page - Infineon Technologies AG IFX1763 Datasheet HTML 9Page - Infineon Technologies AG IFX1763 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Data Sheet
6
Rev. 1.1, 2014-10-30
IFX1763
Pin Configuration
3.2
Pin Definitions and Functions
Pin
Symbol
Function
1 (DSO-8 EP)
1,2 (TSON-10)
OUT
Output. Supplies power to the load. For this pin a minimum output capacitor of
3.3 µF is required to prevent oscillations. Larger output capacitors may be
required for applications with large transient loads in order to limit peak voltage
transients or when the regulator is applied in conjunction with a bypass capacitor.
For more details please refer to the section “Application Information” on
Page 24.
2 (DSO-8 EP)
4 (TSON-10)
SENSE
(fix voltage
version)
Output Sense. For the fixed voltage version the SENSE pin is the input to the
error amplifier. This allows to achieve an optimized regulation performance in
case of small voltage drops
R
p that occur between regulator and load. In
applications where such drops are relevant they can be eliminated by connecting
the SENSE pin directly at the load. In standard configurations the SENSE pin can
be connected directly to the OUT pin. For further details please refer to the section
“Kelvin Sense Connection” on Page 25.
2 (DSO-8 EP)
4 (TSON-10)
ADJ
(adjustable
version)
Adjust. For the adjustable version the ADJ pin is the input to the error amplifier.
The ADJ pin voltage is 1.22V referenced to ground and allows an output voltage
range from 1.22V to 20V -
V
DR. The ADJ pin is internally clamped to ±7 V. Please
note that the bias current of the ADJ pin is flowing into the pin.1)
3, 7 (DSO-8 EP)
3, 8 (TSON-10)
NC
No Connect. The NC Pins have no connection to any internal circuitry. Connect
either to GND or leave open.
4 (DSO-8)
5 (TSON-10)
BYP
Bypass. The BYP pin is used to bypass the reference of the IFX1763 to achieve
low noise performance. The BYP-pin is clamped internally to ±0.6 V (i.e. one
V
BE).
A small capacitor from the output to the BYP pin will bypass the reference to lower
the output voltage noise2). If not used this pin must be left unconnected.
5 (DSO-8 EP)
7 (TSON-10)
EN
Enable. With the EN pin the IFX1763 can be put into a low power shutdown state.
The output will be off when the EN is pulled low. The EN pin can be driven by 5V
logic or open-collector logic with pull-up resistor. The pull-up resistor is required
to supply the pull-up current of the open-collector gate3) and the EN pin current4).
Please note that if the EN pin is not used it must be connected to
V
IN. It must not
be left floating.
6 (DSO-8 EP)
6,(TSON-10)
GND
Ground. For the ADJ version connect the bottom of the output voltage setting
resistor divider directly to the GND pin for optimum load regulation performance.
8 (DSO-8 EP)
9, 10 (TSON-10)
IN
Input. Via the input pin IN the power is supplied to the device. A capacitor at the
input pin is required if the device is more than 6 inches away from the main input
filter capacitor or if bigger inductance is present at the IN pin5). The IFX1763 is
designed to withstand reverse voltages on the Input pin with respect to GND and
Output. In the case of reverse input (e.g. due to a wrongly attached battery) the
device will act as if there is a diode in series with its input. In this way there will be
no reverse current flowing into the regulator and no reverse voltage will appear at
the load. Hence, the device will protect both - the device itself and the load.
9 (DSO-8 EP)
11 (TSON-10)
Tab
Exposed Pad. To ensure proper thermal performance,solder Pin 11 (exposed
pad) of TSON-10 to the PCB ground and tie directly to Pin 6. In the case of DSO-
8 EP as well solder exposed pad (Pin 9) to the PCB ground and tie directly to
Pin 6.


Similar Part No. - IFX1763

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX1763LDV INFINEON-IFX1763LDV Datasheet
2Mb / 31P
   Wide Input Range Low Noise 500mA LDO
Rev. 1.1, 2014-10-30
IFX1763LDV33 INFINEON-IFX1763LDV33 Datasheet
2Mb / 31P
   Wide Input Range Low Noise 500mA LDO
Rev. 1.1, 2014-10-30
IFX1763LDV50 INFINEON-IFX1763LDV50 Datasheet
2Mb / 25P
   Wide Input Range Low Noise 500mA 5V LDO
Rev. 1.11, 2015-01-30
IFX1763XEJV33 INFINEON-IFX1763XEJV33 Datasheet
2Mb / 31P
   Wide Input Range Low Noise 500mA LDO
Rev. 1.1, 2014-10-30
IFX1763XEJV33 INFINEON-IFX1763XEJV33 Datasheet
731Kb / 26P
   iMOTION™ Modular Application Design Kit
Revision 1.0 2017-05-22
More results

Similar Description - IFX1763

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FX1763XEJV INFINEON-FX1763XEJV Datasheet
2Mb / 31P
   Wide Input Range Low Noise 500mA LDO
Rev. 1.1, 2014-10-30
IFX1763XEJV50 INFINEON-IFX1763XEJV50_15 Datasheet
2Mb / 25P
   Wide Input Range Low Noise 500mA 5V LDO
Rev. 1.11, 2015-01-30
IFX54441 INFINEON-IFX54441_15 Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
IFX54441EJV INFINEON-IFX54441EJV Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
IFX54441EJV50 INFINEON-IFX54441EJV50_15 Datasheet
2Mb / 25P
   Wide Input Range Low Noise 300mA 5V LDO
Rev. 1.1, 2014-10-30
logo
Renesas Technology Corp
RAA214250 RENESAS-RAA214250 Datasheet
1Mb / 36P
   500mA 20V Wide Input Voltage Range LDO Linear Regulator
Oct 14, 2021
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com