Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFX1763XEJV50 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IFX1763XEJV50
Description  Wide Input Range Low Noise 500mA 5V LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX1763XEJV50 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IFX1763XEJV50_15 Datasheet HTML 4Page - Infineon Technologies AG IFX1763XEJV50_15 Datasheet HTML 5Page - Infineon Technologies AG IFX1763XEJV50_15 Datasheet HTML 6Page - Infineon Technologies AG IFX1763XEJV50_15 Datasheet HTML 7Page - Infineon Technologies AG IFX1763XEJV50_15 Datasheet HTML 8Page - Infineon Technologies AG IFX1763XEJV50_15 Datasheet HTML 9Page - Infineon Technologies AG IFX1763XEJV50_15 Datasheet HTML 10Page - Infineon Technologies AG IFX1763XEJV50_15 Datasheet HTML 11Page - Infineon Technologies AG IFX1763XEJV50_15 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Data Sheet
8
Rev. 1.11, 2015-01-30
IFX1763XEJV50
IFX1763LDV50
General Product Characteristics
4.2
Functional Range
Note: Within the functional or operating range, the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the Electrical Characteristics table.
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
Table 2
Functional Range
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Input Voltage Range
V
IN
5.5
20
V
P_4.2.1
Operating Junction Temperature
T
j
-40
125
°C
P_4.2.2
Table 3
Thermal Resistance1)
1) Not subject to production test, specified by design.
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
IFX1763X EJ (PG-DSO-8 Exposed Pad)
Junction to Case
R
thJC
7.0
K/W
P_4.3.1
Junction to Ambient
R
thJA
–39
K/W
2)
2) Specified
R
thJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
P_4.3.2
Junction to Ambient
R
thJA
155
K/W
Footprint only3)
3) Specified
R
thJA value is according to JEDEC JESD 51-3 at natural convection on FR4 1s0p board; The Product
(Chip+Package) was simulated on a 76.2 × 114.3 × 1.5 mm3 board with 1 copper layer (1 x 70µm Cu).
P_4.3.3
Junction to Ambient
R
thJA
–66
K/W
300 mm2 heatsink
area on PCB3)
P_4.3.4
Junction to Ambient
R
thJA
–52
K/W
600 mm2 heatsink
area on PCB3)
P_4.3.5
IFX1763 LD (PG-TSON10)
Junction to Case
R
thJC
6.4
K/W
P_4.3.6
Junction to Ambient
R
thJA
–53
K/W
–2)
P_4.3.7
Junction to Ambient
R
thJA
183
K/W
Footprint only3)
P_4.3.8
Junction to Ambient
R
thJA
–69
K/W
300 mm2 heatsink
area on PCB3)
P_4.3.9
Junction to Ambient
R
thJA
–57
K/W
600 mm2 heatsink
area on PCB3)
P_4.3.10


Similar Part No. - IFX1763XEJV50_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX1763XEJV50 INFINEON-IFX1763XEJV50 Datasheet
2Mb / 20P
   Single-channel isolated gate driver IC with adjustable DESAT and soft-off
v1.0 2020-05-27
More results

Similar Description - IFX1763XEJV50_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX1763 INFINEON-IFX1763_15 Datasheet
2Mb / 31P
   Wide Input Range Low Noise 500mA LDO
Rev. 1.1, 2014-10-30
FX1763XEJV INFINEON-FX1763XEJV Datasheet
2Mb / 31P
   Wide Input Range Low Noise 500mA LDO
Rev. 1.1, 2014-10-30
IFX54441EJV50 INFINEON-IFX54441EJV50_15 Datasheet
2Mb / 25P
   Wide Input Range Low Noise 300mA 5V LDO
Rev. 1.1, 2014-10-30
IFX54441 INFINEON-IFX54441_15 Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
IFX54441EJV INFINEON-IFX54441EJV Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
logo
Renesas Technology Corp
RAA214250 RENESAS-RAA214250 Datasheet
1Mb / 36P
   500mA 20V Wide Input Voltage Range LDO Linear Regulator
Oct 14, 2021
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com