Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC640-ST Datasheet(PDF) 8 Page - Microchip Technology

Part # 24LC640-ST
Description  64K SPI Bus Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC640-ST Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24LC640-ST Datasheet HTML 4Page - Microchip Technology 24LC640-ST Datasheet HTML 5Page - Microchip Technology 24LC640-ST Datasheet HTML 6Page - Microchip Technology 24LC640-ST Datasheet HTML 7Page - Microchip Technology 24LC640-ST Datasheet HTML 8Page - Microchip Technology 24LC640-ST Datasheet HTML 9Page - Microchip Technology 24LC640-ST Datasheet HTML 10Page - Microchip Technology 24LC640-ST Datasheet HTML 11Page - Microchip Technology 24LC640-ST Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
25AA640/25LC640/25C640
DS21223A-page 8
Preliminary
© 1997 Microchip Technology Inc.
3.4
Write Enable (WREN) and Write
Disable (WRDI)
The 25xx640 contains a write enable latch.
See
Table 3-3 for the Write Protect Functionality Matrix.
This latch must be set before any write operation will
be completed internally. The WREN instruction will set
the latch, and the WRDI will reset the latch.
The following is a list of conditions under which the
write enable latch will be reset:
• Power-up
• WRDI instruction successfully executed
• WRSR instruction successfully executed
• WRITE instruction successfully executed
FIGURE 3-4:
WRITE ENABLE SEQUENCE
FIGURE 3-5:
WRITE DISABLE SEQUENCE
SCK
0
2
3
4
5
6
7
1
SI
high impedance
SO
CS
0
1
0
0
0
0
0
1
SCK
0
2
3
4
5
6
7
1
SI
high impedance
SO
CS
0
1
0
0
0
0
0
10


Similar Part No. - 24LC640-ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC64 MICROCHIP-24LC64 Datasheet
215Kb / 12P
   64K I 2 C ??CMOS Serial EEPROM
2007
24LC64 MICROCHIP-24LC64 Datasheet
572Kb / 24P
   64K I2C??Serial EEPROM
2002
24LC64 MICROCHIP-24LC64 Datasheet
433Kb / 28P
   64K I2C??Serial EEPROM
2007
24LC64 MICROCHIP-24LC64 Datasheet
746Kb / 36P
   64K I2C??Serial EEPROM
2009
24LC64 MICROCHIP-24LC64 Datasheet
885Kb / 40P
   64K I2C??Serial EEPROM
2010
More results

Similar Description - 24LC640-ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC640-ISN MICROCHIP-25LC640-ISN Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
25AA640A MICROCHIP-25AA640A Datasheet
532Kb / 30P
   64K SPI Bus Serial EEPROM
2008
25AA640A MICROCHIP-25AA640A_12 Datasheet
1,018Kb / 36P
   64K SPI Bus Serial EEPROM
11/29/12
25AA640 MICROCHIP-25AA640_08 Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
25AA640 MICROCHIP-25AA640_04 Datasheet
341Kb / 24P
   64K SPI Bus Serial EEPROM
2004
25LC640A MICROCHIP-25LC640A Datasheet
335Kb / 24P
   64K SPI Bus Serial EEPROM Extended (M) Operating Temperatures
2009
logo
Fairchild Semiconductor
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
   64K-Bit SPI Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com