Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IFX54441EJV50 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IFX54441EJV50
Description  Wide Input Range Low Noise 300mA 5V LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX54441EJV50 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IFX54441EJV50_15 Datasheet HTML 2Page - Infineon Technologies AG IFX54441EJV50_15 Datasheet HTML 3Page - Infineon Technologies AG IFX54441EJV50_15 Datasheet HTML 4Page - Infineon Technologies AG IFX54441EJV50_15 Datasheet HTML 5Page - Infineon Technologies AG IFX54441EJV50_15 Datasheet HTML 6Page - Infineon Technologies AG IFX54441EJV50_15 Datasheet HTML 7Page - Infineon Technologies AG IFX54441EJV50_15 Datasheet HTML 8Page - Infineon Technologies AG IFX54441EJV50_15 Datasheet HTML 9Page - Infineon Technologies AG IFX54441EJV50_15 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
6
Rev. 1.1, 2014-10-30
IFX54441EJV50
IFX54441LDV50
Pin Configuration
3.2
Pin Definitions and Functions
Pin
Symbol
Function
1 (DSO-8 EP)
1,2 (TSON-10)
OUT
Output. Supplies power to the load. For this pin a minimum output capacitor of
3.3 µF is required to prevent oscillations. Larger output capacitors may be
required for applications with large transient loads in order to limit peak voltage
transients or when the regulator is applied in conjunction with a bypass capacitor.
For more details please refer to the section “Application Information” on
Page 19.
2 (DSO-8 EP)
4 (TSON-10)
SENSE
Output Sense. The SENSE pin is the input to the error amplifier. This allows to
achieve an optimized regulation performance in case of small voltage drops
R
p
that occur between regulator and load. In applications where such drops are
relevant they can be eliminated by connecting the SENSE pin directly at the load.
In standard configurations the SENSE pin can be connected directly to the OUT
pin. For further details please refer to the section “Kelvin Sense Connection”
on Page 19.
3, 7 (DSO-8 EP)
3, 8 (TSON-10)
NC
No Connect. The NC Pins have no connection to any internal circuitry. Connect
either to GND or leave open.
4 (DSO-8)
5 (TSON-10)
BYP
Bypass. The BYP pin is used to bypass the reference of the IFX54441 V50 to
achieve low noise performance. The BYP-pin is clamped internally to ±0.6 V (i.e.
one
V
BE). A small capacitor from the output to the BYP pin will bypass the
reference to lower the output voltage noise1). If not used this pin must be left
unconnected.
1) A maximum value of 10 nF can be used for reducing output voltage noise over the bandwidth from 10 Hz to 100 kHz.
5 (DSO-8 EP)
7 (TSON-10)
EN
Enable. With the EN pin the IFX54441 V50 can be put into a low power shutdown
state. The output will be off when the EN is pulled low. The EN pin can be driven
by 5V logic or open-collector logic with pull-up resistor. The pull-up resistor is
required to supply the pull-up current of the open-collector gate2) and the EN pin
current3). Please note that if the EN pin is not used it must be connected to
V
IN. It
must not be left floating.
2) Normally several microamperes.
3) Typical value is 1 µA.
6 (DSO-8 EP)
6,(TSON-10)
GND
Ground.
8 (DSO-8 EP)
9, 10 (TSON-10)
IN
Input. Via the input pin IN the power is supplied to the device. A capacitor at the
input pin is required if the device is more than 6 inches away from the main input
filter capacitor or if bigger inductance is present at the IN pin4). The IFX54441 V50
is designed to withstand reverse voltages on the Input pin with respect to GND
and Output. In the case of reverse input (e.g. due to a wrongly attached battery)
the device will act as if there is a diode in series with its input. In this way there will
be no reverse current flowing into the regulator and no reverse voltage will appear
at the load. Hence, the device will protect both - the device itself and the load.
4) In general the output impedance of a battery rises with frequency, so it is advisable to include a bypass capacitor in battery-
powered circuits. Depending on actual conditions an input capacitor in the range of 1 to 10 µF is sufficient.
9 (DSO-8 EP)
11 (TSON-10)
Tab
Exposed Pad. To ensure proper thermal performance, solder Pin 11 (exposed
pad) of TSON-10 to the PCB ground and tie directly to Pin 6. In the case of DSO-
8 EP as well solder Pin 9 (exposed pad) to PCB ground and tie directly to Pin 6.


Similar Part No. - IFX54441EJV50_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX54441EJV INFINEON-IFX54441EJV Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
IFX54441EJV33 INFINEON-IFX54441EJV33 Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
More results

Similar Description - IFX54441EJV50_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX54441 INFINEON-IFX54441_15 Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
IFX54441EJV INFINEON-IFX54441EJV Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
IFX1763XEJV50 INFINEON-IFX1763XEJV50_15 Datasheet
2Mb / 25P
   Wide Input Range Low Noise 500mA 5V LDO
Rev. 1.11, 2015-01-30
IFX1763 INFINEON-IFX1763_15 Datasheet
2Mb / 31P
   Wide Input Range Low Noise 500mA LDO
Rev. 1.1, 2014-10-30
FX1763XEJV INFINEON-FX1763XEJV Datasheet
2Mb / 31P
   Wide Input Range Low Noise 500mA LDO
Rev. 1.1, 2014-10-30
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211 Datasheet
365Kb / 9P
   300mA Low Noise Dual LDO
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
   LOW NOISE Dual 300mA LDO
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com