Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC0903SL Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # PIC0903SL
Description  Built-in Schumitt Trigger circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

PIC0903SL Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  PIC0903SL Datasheet HTML 1Page - KODENSHI_AUK CORP. PIC0903SL Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
特長
用途
Mar.2014
FEATURES
APPLICATIONS
本資料に記載しております内容は、技術の改良、進歩等によって予告なしに変更されることがあります。ご使用の際には、仕様書をご用命の上、
内容の確認をお願い致します。
The contents of this data sheet are subject to change without advance notice for the purpose of improvement. When using this product,
please refer to the latest specifications.
PIC0903SLは、フォトダイオードと信号処理回路(増幅、シュミット、定電圧)を1チップに集積したデジタル出力タイプの
受光素子です。
PIC0903SL is a digital output detector which incorporates a photodiode with signal processing circuit
(amplifier, Schumitt Trigger, voltage regulator) .
最大定格 MAXIMUM RATINGS
Item
Symbol
Rating
Unit
動 作
温 度
保 存
温 度
はんだ付け温度
Topr.
Tstg.
Tsol.
-25∼+85
-40∼+100
260
(Ta=25℃)
Operating temp.
Storage temp.
Soldering temp.
*1. リード根元より2mm離れた所でt=5s
For MAX 5 seconds at the position of 2mm from the resin edge
*1
VCC
17
V
Supply voltage
PD
200
mW
Power dissipation
電 源
電 圧
許 容
損 失
ローレベル出力電流
IOL
30
mA
Low level output current
PIC0903SL
DIRECT CURRENT LIGHT SYSTEM PHOTO IC
直流光方式フォトIC
電気的光学的特性
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
(Ta=25℃)
4.5
4.5
ELECTRO-OPTICAL CHARACTERISTICS
3
900
17
6
0.4
20
25
0.8
0.5
0.95
3
2
0.1
0.05
9
6
0.5
0.5
*2. Color temp. = 2856K standard Tungsten lamp
*3. RL = Resistance between 5V/Vcc and load resistance
動作電源電圧範囲
ハイレベル供給電流
ローレベル供給電流
ハイレベル出力電圧
ローレベル出力電圧
スレッシュホールド照度
スレッシュホールド照度
ヒ ス テ リ シ ス
ピ ー ク 感 度 波 長
Supply voltage
High level supply current
Low level supply current
High level output voltage
Low level output voltage
L→H Threshold illuminance
H→L Threshold illuminance
Hysteresis
Peak wavelength
L→H
H→L
VCC
ICCH
ICCL
VOH
VOL
EVLH
EVHL
λP
tPLH
tPHL
tr
tf
Hyst
L→H 伝搬時間 L→H propagation time
H→L 伝搬時間 H→L propagation time
立上り時間 Rise time
立下り時間 Fall time
応答時間
Switching speed
EVHL/EVLH
EV=0Lx
EV=200Lx
EV=0Lx, RL=10kΩ
EV=200Lx, IOL=16mA
EV=200Lx, RL=280Ω
*2
*3
*2
*2
*2
V
mA
mA
V
V
Lx
Lx
nm
μs
μs
μs
μs
3
6
Built-in Schumitt Trigger circuit
Wide Vcc range
シュミットトリガ回路内蔵
広い動作電源電圧範囲
ディスクドライブ、光電スイッチ、OA機器の物体検出
Desk drive, Optical switch, Object detector for office
automation apparatus


Similar Part No. - PIC0903SL

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
PIC0903R4SL KODENSHI-PIC0903R4SL Datasheet
102Kb / 2P
   Built-in Schumitt Trigger circuit
More results

Similar Description - PIC0903SL

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
PIC2503SL KODENSHI-PIC2503SL Datasheet
97Kb / 2P
   Built-in Schumitt Trigger circuit
PIC0103SL KODENSHI-PIC0103SL Datasheet
99Kb / 2P
   Built-in Schumitt Trigger circuit
PIC0903R4SL KODENSHI-PIC0903R4SL Datasheet
102Kb / 2P
   Built-in Schumitt Trigger circuit
PIC4103SL KODENSHI-PIC4103SL Datasheet
97Kb / 2P
   Built-in Schumitt Trigger circuit
logo
List of Unclassifed Man...
PS104C ETC-PS104C Datasheet
42Kb / 1P
   BUILT-IN SCHMITT TRIGGER CIRCUIT
logo
Seiko Instruments Inc
S-19100N12H-M5T2U SII-S-19100N12H-M5T2U Datasheet
2Mb / 45P
   BUILT-IN DELAY CIRCUIT
logo
Sanken electric
SPF8201 SANKEN-SPF8201 Datasheet
657Kb / 19P
   Built-in startup circuit
logo
Rohm
BU97530KVT ROHM-BU97530KVT Datasheet
1Mb / 59P
   Built-in OSC circuit
logo
Seiko Instruments Inc
S-19101C25H-M5T2U SII-S-19101C25H-M5T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
S-19100N12A-M5T2U SII-S-19100N12A-M5T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com