Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBTD16211 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # CBTD16211
Description  24-bit level shifting bus exchange switch with 12-bit output enables
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBTD16211 Datasheet(HTML) 4 Page - NXP Semiconductors

  CBTD16211_15 Datasheet HTML 1Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 2Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 3Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 4Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 5Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 6Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 7Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 8Page - NXP Semiconductors CBTD16211_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product data
CBTD16211
24-bit level shifting bus exchange switch
with 12-bit output enables
2001 Jun 13
4
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
IIK
DC input diode current
VI < 0
–50
mA
VI
DC input voltage3
–0.5 to +7.0
V
VOUT
DC output voltage3
output in Off or High state
–0.5 to +5.5
V
IOUT
DC output current
output in Low state
128
mA
Tstg
Storage temperature range
–65 to +150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
Min
Max
UNIT
VCC
DC supply voltage
4.5
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level Input voltage
0.8
V
Tamb
Operating free-air temperature range
–40
+85
°C
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = –40 to +85 °C
UNIT
Min
Typ1
Max
VIK
Input clamp voltage
VCC = 4.5 V; II = –18 mA
–1.2
V
VOH
Output high pass voltage
See Figure 1
V
I
Input leakage current
VCC = 0 V; VI = 5.5 V
10
µA
II
Input leakage current
VCC = 5.5 V; VI = GND or 5.5 V
±1
µA
ICC
Quiescent supply current
VCC = 5.5 V; IO = 0, VI = VCC or GND;
1OE=2OE=GND
1.5
mA
∆ICC
Additional supply current per
input pin2
VCC = 5.5 V, one input at 3.4 V,
other inputs at VCC or GND
2.5
mA
CI
Control pins
VI = 3 V or 0
4.5
pF
CI(OFF)
Port OFF capacitance
VO = 3 V or 0, OE = VCC
8
pF
3
VCC = 4.5 V; V1 = 0 V; II = 64 mA
5
7
ron3
VCC = 4.5 V; V1 = 0 V; II = 30 mA
5
7
VCC = 4.5 V; V1 = 2.4 V; II = –15 mA
35
50
NOTES:
1. All typical values are at VCC = 5 V, Tamb = 25 °C.
2. This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
3. Measured by the voltage drop between the A and the B terminals at the indicated current through the switch.
On-state resistance is determined by the lowest voltage of the two (A or B) terminals.


Similar Part No. - CBTD16211_15

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
CBTD16211DGG ICST-CBTD16211DGG Datasheet
77Kb / 10P
   24-bit level shifting bus exchange switch with 12-bit output enables
CBTD16211DL ICST-CBTD16211DL Datasheet
77Kb / 10P
   24-bit level shifting bus exchange switch with 12-bit output enables
More results

Similar Description - CBTD16211_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
CBTD16211 NEXPERIA-CBTD16211 Datasheet
201Kb / 11P
   24-bit level shifting bus exchange switch with 12-bit output enables
2001 Jun 13
logo
Integrated Circuit Syst...
CBTD16211 ICST-CBTD16211 Datasheet
77Kb / 10P
   24-bit level shifting bus exchange switch with 12-bit output enables
logo
NXP Semiconductors
CBTD16212 PHILIPS-CBTD16212 Datasheet
85Kb / 10P
   24-bit level shifting bus exchange switch WITH 12-BIT OUTPUT ENABIES
2001 Sep 28
logo
Integrated Circuit Syst...
CBT16212 ICST-CBT16212 Datasheet
75Kb / 8P
   24-bit bus exchange switch with 12-bit output enables
logo
NXP Semiconductors
CBT16213 PHILIPS-CBT16213 Datasheet
76Kb / 10P
   24-bit bus exchange switch with 12-bit output enables
2001 Jan 19
CBT16212 NXP-CBT16212 Datasheet
81Kb / 12P
   24-bit bus exchange switch with 12-bit output enables
Rev. 02-3 November 2008
CBT16212 PHILIPS-CBT16212_15 Datasheet
89Kb / 12P
   24-bit bus exchange switch with 12-bit output enables
Rev. 02-3 November 2008
logo
Nexperia B.V. All right...
CBT16212 NEXPERIA-CBT16212 Datasheet
203Kb / 13P
   24-bit bus exchange switch with 12-bit output enables
Rev. 02 - 3 November 2008
74CBTLVD3384 NEXPERIA-74CBTLVD3384 Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with 5-bit output enables
logo
NXP Semiconductors
74CBTLVD3384 PHILIPS-74CBTLVD3384_15 Datasheet
255Kb / 20P
   10-bit level-shifting bus switch with 5-bit output enables
Rev. 2-16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com