Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPV Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # TPV
Description  CHIP ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

TPV Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  TPV Datasheet HTML 1Page - RUBYCON CORPORATION TPV Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
TPV
6.3
10
16
25
35
Ripple
ESR
1200
2200
1000
1500
680
1000
470
820
330
560
850
1190
850
1190
850
1190
850
1190
850
1190
0.080
0.060
0.080
0.060
0.080
0.060
0.080
0.060
0.080
0.060
8×10.5
10×10.5
8×10.5
10×10.5
8×10.5
10×10.5
8×10.5
10×10.5
8×10.5
10×10.5
Size
(φDXL)
Cap
(μF)
Vdc
φD
L
A1
B1
C
W1
P
8
10
10.5
10.5
8.3
10.3
8.3
10.3
2.9
3.2
0.8∼1.1
0.8∼1.1
3.1
4.5
◆STANDARD SIZE
Size φDXL(mm), Rated Ripple Current(mA r.m.s./105℃,100kHz), ESR(Ω MAX/20℃, 100kHz)
L MAX
0.3MAX
A1
±0.2
W1
0.5MAX


Similar Part No. - TPV

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPV TOPPOWER-TPV Datasheet
706Kb / 3P
   TPV 24V & 48V Series
logo
M-System Co.,Ltd.
TPV MSYSTEM-TPV Datasheet
97Kb / 2P
   Super-mini Two-wire Signal Conditioners T-UNIT
logo
Transko Electronics, In...
TPV TRANSKO-TPV Datasheet
374Kb / 1P
   PLASTIC MOLDED SMD HCMOS VCXO (14.0 x 9.8 x 4.7mm)
Rev. 1: Jul. 2014
logo
Toppower Electronic Tec...
TPV-SAR TOPPOWER-TPV-SAR Datasheet
390Kb / 2P
   1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPV-W1 TOPPOWER-TPV-W1 Datasheet
814Kb / 3P
   0.1W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results

Similar Description - TPV

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
25TLV470M10X10.5 RUBYCON-25TLV470M10X10.5 Datasheet
151Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
25TZV100M6.3X8 RUBYCON-25TZV100M6.3X8 Datasheet
169Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
35TZV100M6.3X8 RUBYCON-35TZV100M6.3X8 Datasheet
169Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
6.3SZV47M5X5.5 RUBYCON-6.3SZV47M5X5.5 Datasheet
76Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
16SEV10M4X5.5 RUBYCON-16SEV10M4X5.5 Datasheet
172Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
35TZV220M8X10.5 RUBYCON-35TZV220M8X10.5 Datasheet
169Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
50TZV22M6.3X6.1 RUBYCON-50TZV22M6.3X6.1 Datasheet
169Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
10TZV220M6.3X8 RUBYCON-10TZV220M6.3X8 Datasheet
169Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
50SEV2.2M4X5.5 RUBYCON-50SEV2.2M4X5.5 Datasheet
172Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SJV RUBYCON-SJV_15 Datasheet
196Kb / 1P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SKV RUBYCON-SKV_15 Datasheet
167Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com