Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZA900A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BZA900A
Description  Quadruple ESD transient voltage suppressor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZA900A Datasheet(HTML) 2 Page - NXP Semiconductors

  BZA900A_15 Datasheet HTML 1Page - NXP Semiconductors BZA900A_15 Datasheet HTML 2Page - NXP Semiconductors BZA900A_15 Datasheet HTML 3Page - NXP Semiconductors BZA900A_15 Datasheet HTML 4Page - NXP Semiconductors BZA900A_15 Datasheet HTML 5Page - NXP Semiconductors BZA900A_15 Datasheet HTML 6Page - NXP Semiconductors BZA900A_15 Datasheet HTML 7Page - NXP Semiconductors BZA900A_15 Datasheet HTML 8Page - NXP Semiconductors BZA900A_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2001 Sep 03
2
NXP Semiconductors
Product data sheet
Quadruple ESD transient voltage
suppressor
BZA900A-series
FEATURES
• ESD rating >8 kV, according to IEC61000-4-2
• SOT665 surface mount package
• Common anode configuration.
APPLICATIONS
• Computers and peripherals
• Audio and video equipment
• Communication systems
DESCRIPTION
Monolithic transient voltage suppressor diode in a five lead
SOT665 package for 4-bit wide ESD transient
suppression.
MARKING
PINNING
TYPE NUMBER
MARKING CODE
BZA956A
Z1
BZA962A
Z2
BZA968A
Z3
PIN
DESCRIPTION
1
cathode 1
2
common anode
3
cathode 2
4
cathode 3
5
cathode 4
handbook, halfpage
MGW315
1
5
4
3
2
12
3
4
5
Fig.1 Simplified outline (SOT665) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1.
DC working current limited by Ptot(max).
2.
Device mounted on standard printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
IZ
working current
Tamb = 25 °C
note 1
mA
IF
continuous forward current
Tamb = 25 °C
200
mA
IFSM
non-repetitive peak forward current tp = 1 ms; square pulse
4
A
Ptot
total power dissipation
Tamb = 25 °C; note 2; see Fig.5
335
mW
PZSM
non repetitive peak reverse power
dissipation:
square pulse; tp = 1 ms; see Fig.3
BZA956A
16
W
BZA962A
15
W
BZA968A
14
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C


Similar Part No. - BZA900A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA900AVL PHILIPS-BZA900AVL Datasheet
85Kb / 11P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
BZA900AVL NXP-BZA900AVL Datasheet
177Kb / 11P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
BZA900AVL PHILIPS-BZA900AVL_15 Datasheet
177Kb / 11P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
Nexperia B.V. All right...
BZA900AVL_SER NEXPERIA-BZA900AVL_SER Datasheet
389Kb / 12P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
BZA900A_SER NEXPERIA-BZA900A_SER Datasheet
346Kb / 10P
   Quadruple ESD transient voltage suppressor
2001 Sep 03
More results

Similar Description - BZA900A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA418A PHILIPS-BZA418A Datasheet
62Kb / 12P
   Quadruple ESD transient voltage suppressor
2002 Sep 02
BZA800A PHILIPS-BZA800A_15 Datasheet
179Kb / 11P
   Quadruple ESD transient voltage suppressor
2000 Sep 25
logo
Nexperia B.V. All right...
BZA900A_SER NEXPERIA-BZA900A_SER Datasheet
346Kb / 10P
   Quadruple ESD transient voltage suppressor
2001 Sep 03
logo
NXP Semiconductors
BZA462A NXP-BZA462A Datasheet
148Kb / 10P
   Quadruple ESD transient voltage suppressor
1999 May 25
BZA900A NXP-BZA900A Datasheet
165Kb / 9P
   Quadruple ESD transient voltage suppressor
2001 Sep 03
BZA456A NXP-BZA456A Datasheet
144Kb / 10P
   Quadruple ESD transient voltage suppressor
1999 May 25
BZA462A PHILIPS-BZA462A Datasheet
77Kb / 12P
   Quadruple ESD transient voltage suppressor
1999 May 25
logo
Nexperia B.V. All right...
BZA420A NEXPERIA-BZA420A Datasheet
324Kb / 11P
   Quadruple ESD transient voltage suppressor
1999 May 20
logo
NXP Semiconductors
BZA420A PHILIPS-BZA420A Datasheet
69Kb / 12P
   Quadruple ESD transient voltage suppressor
1999 May 20
BZA800A NXP-BZA800A Datasheet
179Kb / 11P
   Quadruple ESD transient voltage suppressor
2000 Sep 25
logo
Nexperia B.V. All right...
BZA800A_SERIES NEXPERIA-BZA800A_SERIES Datasheet
217Kb / 12P
   Quadruple ESD transient voltage suppressor
2000 Sep 25
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com