Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4275V33 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4275V33
Description  Stable with ceramic output capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4275V33 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4275V33 Datasheet HTML 4Page - Infineon Technologies AG TLE4275V33 Datasheet HTML 5Page - Infineon Technologies AG TLE4275V33 Datasheet HTML 6Page - Infineon Technologies AG TLE4275V33 Datasheet HTML 7Page - Infineon Technologies AG TLE4275V33 Datasheet HTML 8Page - Infineon Technologies AG TLE4275V33 Datasheet HTML 9Page - Infineon Technologies AG TLE4275V33 Datasheet HTML 10Page - Infineon Technologies AG TLE4275V33 Datasheet HTML 11Page - Infineon Technologies AG TLE4275V33 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Datasheet
8
Rev. 1.1, 2015-01-15
TLE 4275 V33
Block Description and Electrical Characteristics
Reset Output “RO”:
The Reset Output “RO” is an open collector output requiring an external pull-up resistor to a voltage rail
V
IO. As
the maximum Reset Output Sink Current
I
RO,max is limited, the minimum external pull-up resistor calculates:
R
RO,external,min = VIO / IRO,max.
(4)
Figure 4
Block Diagram Reset Circuit
Figure 5
Timing Diagram Reset
GND
Q
I
Bl o c k Di a gra m _Res etSta n d a rd _RO n op ul l u p .v s d
Supply
RO
V
DS T
Int.
Supply
I
D,c h
I
DR,ds c h
V
RT
Control
D
C
D
Reset
C
Q
VDD
Micro-
Controller
GND
or
e.g. +5 V
AED03010
Thermal
t rd
Power-on-Reset
Voltage Dip
Secondary
Overload
at Output
Spike
VΙ
D,c
Ι
=
V
d
dt
V
Q
Q, rt
V
t rr
<
rr
t
at Input
Undervoltage
Shutdown
CD
t
VRO
D
V
t
t
t
VDU
VDRL


Similar Part No. - TLE4275V33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275V33 INFINEON-TLE4275V33 Datasheet
319Kb / 12P
   Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
More results

Similar Description - TLE4275V33

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD38252G-SH2-R UTC-UD38252G-SH2-R Datasheet
285Kb / 7P
   Stable with Low ESR Ceramic Output Capacitors
UD06122G-K10-3030-R UTC-UD06122G-K10-3030-R Datasheet
361Kb / 10P
   Stable with Low ESR Output Ceramic Capacitors
logo
Rohm
BH25FB1WHFV-TR ROHM-BH25FB1WHFV-TR Datasheet
702Kb / 9P
   Stable with ceramic output capacitors, Output voltage ON/OFF control
logo
National Semiconductor ...
LP38691-ADJ NSC-LP38691-ADJ Datasheet
750Kb / 13P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output / Stable with Ceramic Output Capacitors
LP38692-ADJ NSC-LP38692-ADJ Datasheet
777Kb / 13P
   1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38691-ADJ NSC-LP38691-ADJ_10 Datasheet
399Kb / 14P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38691-ADJ TI1-LP38691-ADJ_14 Datasheet
1Mb / 22P
[Old version datasheet]   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38842 TI1-LP38842_15 Datasheet
985Kb / 17P
[Old version datasheet]   Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
Kemet Corporation
C2220C223KGRACTU KEMET-C2220C223KGRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C2220X104KDRACTU KEMET-C2220X104KDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Temp Stable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com