Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4966V-1K Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4966V-1K
Description  In Plane Sensing with Vertical Dual Hall Effect Latch for Automotive Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4966V-1K Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4966V-1K_15 Datasheet HTML 3Page - Infineon Technologies AG TLE4966V-1K_15 Datasheet HTML 4Page - Infineon Technologies AG TLE4966V-1K_15 Datasheet HTML 5Page - Infineon Technologies AG TLE4966V-1K_15 Datasheet HTML 6Page - Infineon Technologies AG TLE4966V-1K_15 Datasheet HTML 7Page - Infineon Technologies AG TLE4966V-1K_15 Datasheet HTML 8Page - Infineon Technologies AG TLE4966V-1K_15 Datasheet HTML 9Page - Infineon Technologies AG TLE4966V-1K_15 Datasheet HTML 10Page - Infineon Technologies AG TLE4966V-1K_15 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TLE4966V-1K
Product Description
Data Sheet
7
Revision 1.0, 2014-05-13
1
Product Description
1.1
Target Applications
The TLE4966V-1K is specifically designed to detect the rotation direction and the rotation speed of a pole
wheel.The sensing direction is in-plane to the sensor surface. Even at high distances to the hall elements the
direction will be detected correctly.
Figure 1-1 Image of TLE4966V in the PG-TSOP6-6-5 package
Figure 1-2 Target Application (top and side view): Sensing Direction parallel to target wheel
1.2
Features
In-Plane Sensing for parallel mounting of magnetic encoder and sensor
Low current consumption
Direction Detection
Speed output for index counting applications
3.5V to 32V operating supply voltage
Operating from unregulated power supply
Reverse polarity protection (-18V)
Over voltage capability up to 42V without external resistor
Output over current and over temperature protection
High robustness to mechanical stress by Active Error Compensation
Low drift of magnetic thresholds
Low jitter (typ. 0.3us)
SMD package PG-TSOP6-6-5
Table 1-1
Ordering Information
Product Name
Product Type
Ordering Code
Package
TLE4966V-1K
Dual Vertical Hall Latch
SP000997990
TSOP6-6-5
N
S
S
S
S
S
S
S
S
N
N
N
N
N
N
N
Rotation
Direction
Branded Side of
IC
N
N
S
S
Magnetic
Encoder
6
5
4
1
2
3
Hall Elements


Similar Part No. - TLE4966V-1K_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4966-2K INFINEON-TLE4966-2K Datasheet
1Mb / 14P
   High Precision Hall Switch with two Outputs
Rev.1.0, 2010-06-28
TLE4966-3K INFINEON-TLE4966-3K Datasheet
1Mb / 15P
   High Sensitivity Automotive Hall Switch with direction detection
Rev.1.0, 2010-09-20
TLE4966G INFINEON-TLE4966G Datasheet
1Mb / 17P
   High Precision Hall-Effect Switch with Direction Detection
Rev. 1.01, October 2019
TLE4966H INFINEON-TLE4966H Datasheet
180Kb / 11P
   High Precision Hall-Effect Switch
2003-11-20
TLE4966K INFINEON-TLE4966K Datasheet
871Kb / 16P
   High Precision Hall-Effect Switch with Direction Detection
Rev. 1.0, Sep 2007
More results

Similar Description - TLE4966V-1K_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4963-1M INFINEON-TLE4963-1M_16 Datasheet
734Kb / 17P
   High Precision Automotive Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-12
TLE4963-2M INFINEON-TLE4963-2M_16 Datasheet
734Kb / 17P
   High Precision Automotive Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-12
TLI4961-1L INFINEON-TLI4961-1L Datasheet
1Mb / 21P
   Hall Effect Latch for Industrial Applications
Revision 1.1, 2012-10-15
logo
Melexis Microelectronic...
MLX90224 MELEXIS-MLX90224_14 Datasheet
486Kb / 10P
   Dual Hall Effect Latch
logo
List of Unclassifed Man...
MLX90224 ETC-MLX90224 Datasheet
174Kb / 8P
   DUAL HALL EFFECT LATCH
logo
Rohm
BD5410XG-CZ ROHM-BD5410XG-CZ Datasheet
942Kb / 17P
   Automotive Hall Effect Latch Series
23.May.2022 Rev.001
logo
Infineon Technologies A...
TLV4968-1T INFINEON-TLV4968-1T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-18
logo
Melexis Microelectronic...
MLX92251 MELEXIS-MLX92251 Datasheet
1Mb / 13P
   Dual Hall Effect Latch with Speed & Direction
logo
Infineon Technologies A...
TLV4961-1T INFINEON-TLV4961-1T_15 Datasheet
719Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-19
TLI4963-2M INFINEON-TLI4963-2M_16 Datasheet
672Kb / 17P
   High Precision Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com