Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LCS66-ISL Datasheet(PDF) 7 Page - Microchip Technology

Part # 93LCS66-ISL
Description  2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LCS66-ISL Datasheet(HTML) 7 Page - Microchip Technology

Back Button 93LCS66-ISL Datasheet HTML 3Page - Microchip Technology 93LCS66-ISL Datasheet HTML 4Page - Microchip Technology 93LCS66-ISL Datasheet HTML 5Page - Microchip Technology 93LCS66-ISL Datasheet HTML 6Page - Microchip Technology 93LCS66-ISL Datasheet HTML 7Page - Microchip Technology 93LCS66-ISL Datasheet HTML 8Page - Microchip Technology 93LCS66-ISL Datasheet HTML 9Page - Microchip Technology 93LCS66-ISL Datasheet HTML 10Page - Microchip Technology 93LCS66-ISL Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS11181D-page 7
93LCS56/66
FIGURE 2-4:
EWDS TIMING
FIGURE 2-5:
WRITE TIMING
FIGURE 2-6:
WRAL TIMING
CLK
CS
TCSL
0
0
1
DI
0
0
PRE = 0
PE = X
DO = TRI-STATE
• • •
XX
6 DON'T CARE BITS
CLK
CS
TCSL
0
1
DI
• • •
BUSY
D0
1
A0
• • •
D15
READY
TWC
DO
TRI-STATE
A7
PE
PRE = 0
• Address bit A7 becomes a "don't care" for 93LCS56.
CLK
CS
TCSL
0
1
DI
• • •
BUSY
D0
X
0
X
• • •
D15
READY
TWL
DO
01
TRI-STATE
PE
Guaranteed at VCC = 4.5V to 6.0V
Protect Register must be cleared
PRE = 0
6 DON'T CARE BITS
TRISTATE


Similar Part No. - 93LCS66-ISL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LCS66-I/OT MICROCHIP-93LCS66-I/OT Datasheet
182Kb / 14P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
2004
93LCS66-I/P MICROCHIP-93LCS66-I/P Datasheet
182Kb / 14P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
2004
93LCS66-I/SL MICROCHIP-93LCS66-I/SL Datasheet
182Kb / 14P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
2004
93LCS66-I/SN MICROCHIP-93LCS66-I/SN Datasheet
182Kb / 14P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
2004
93LCS66-I/ST MICROCHIP-93LCS66-I/ST Datasheet
182Kb / 14P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
2004
More results

Similar Description - 93LCS66-ISL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LCS56 MICROCHIP-93LCS56_04 Datasheet
182Kb / 14P
   2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
2004
logo
Samsung semiconductor
S524C20D10 SAMSUNG-S524C20D10 Datasheet
152Kb / 22P
   1K/2K/4K/8K-bit Serial EEPROM with software write protect
logo
Microchip Technology
24LCS52 MICROCHIP-24LCS52 Datasheet
81Kb / 12P
   2K 2.5V I 2 C Serial EEPROM with Software Write Protect
1996
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
2008
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
   2K I2C??Serial EEPROM Software Write-Protect
2010
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
34LC02T-I MICROCHIP-34LC02T-I Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com