Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUMT1 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PUMT1
Description  PNP GENERAL PURPOSE DUAL TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PUMT1 Datasheet(HTML) 2 Page - Unisonic Technologies

  PUMT1_15 Datasheet HTML 1Page - Unisonic Technologies PUMT1_15 Datasheet HTML 2Page - Unisonic Technologies PUMT1_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PUMT1
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R218-001.E
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current (DC)
IC
-100
mA
Peak Collector Current
ICM
-200
mA
Peak Base Current
IBM
-200
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Collector Cut-Off Current
ICBO
IE=0, VCB=-30V
-100
nA
IE=0, VCB=-30V, TJ=150°C
-10
μA
Emitter Cut-Off Current
IEBO
VEB=-4V, IC=0
-100
nA
DC Current Gain
hFE
IC=-1mA, VCE=-6V
120
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-50mA, IB=-5mA (Note 1)
-200
mV
Collector Capacitance
Cc
IE=IE=0, VCB=-12V, f=1MHz
2.2
pF
Transition Frequency
fT
IC=-2mA, VCE=-12V, f=100MHz
100
MHz
Note: 1. Pulse test: Pulse Width≤300μs, Duty Cycle≤2.0%
2. The following characteristics apply to both TR1 and TR2.


Similar Part No. - PUMT1_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PUMT1 UTC-PUMT1_12 Datasheet
137Kb / 2P
   PNP GENERAL PURPOSE DUAL TRANSISTOR
More results

Similar Description - PUMT1_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PUMT1 UTC-PUMT1_12 Datasheet
137Kb / 2P
   PNP GENERAL PURPOSE DUAL TRANSISTOR
logo
Taiwan Semiconductor Co...
TSA1036D TSC-TSA1036D Datasheet
91Kb / 3P
   General Purpose Dual PNP Transistor
logo
Unisonic Technologies
PUMT1 UTC-PUMT1 Datasheet
63Kb / 2P
   PNP GENERAL PURPOSE DUAL TRANSISTOR
logo
First Silicon Co., Ltd
FFB3906D FS-FFB3906D Datasheet
497Kb / 6P
   Dual General Purpose PNP Transistor
logo
List of Unclassifed Man...
MBT3906DW ETC-MBT3906DW Datasheet
792Kb / 6P
   Dual General Purpose Transistor PNPPNP Silicon
logo
Weitron Technology
MBT2907ADW WEITRON-MBT2907ADW Datasheet
110Kb / 5P
   Dual General Purpose Transistor PNPPNP Silicon
MBT3906DW WEITRON-MBT3906DW Datasheet
350Kb / 6P
   Dual General Purpose Transistor PNPPNP Silicon
logo
Pan Jit International I...
MMDT3906TB6 PANJIT-MMDT3906TB6 Datasheet
135Kb / 4P
   DUAL PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMDT2907A PANJIT-MMDT2907A Datasheet
106Kb / 5P
   DUAL PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
ON Semiconductor
BC847BPDXV6 ONSEMI-BC847BPDXV6_13 Datasheet
116Kb / 6P
   NPN/PNP Dual General Purpose Transistor
May, 2013 ??Rev. 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com