Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG25N120G-T47-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UG25N120G-T47-T
Description  1200V NPT TRENCH IGBT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UG25N120G-T47-T Datasheet(HTML) 1 Page - Unisonic Technologies

  UG25N120G-T47-T Datasheet HTML 1Page - Unisonic Technologies UG25N120G-T47-T Datasheet HTML 2Page - Unisonic Technologies UG25N120G-T47-T Datasheet HTML 3Page - Unisonic Technologies UG25N120G-T47-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UG25N120
Preliminary
Insulated Gate Bipolar Transistor
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R203-050.a
1200V NPT TRENCH IGBT
DESCRIPTION
The UTC UG25N120 is an NPT ignition Insulated Gate Bipolar
Transistor. it uses UTC’s advanced technology to provide customers
with high switching speed, high avalanche ruggedness, low saturation
voltage and low switching loss, etc.
The UTC UG25N120 is suitable for the resonant or soft switching
applications.
FEATURES
* High switching speed
* High avalanche ruggedness
* Low saturation voltage: VCE(sat), typ =2.0V @ IC=25A and TC =25°C
* Low switching loss: Eoff, typ=0.96mJ @ IC=25A and TC=25°C
SYMBOL
TO-220
1
TO-247
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UG25N120L-TA3-T
UG25N120G-TA3-T
TO-220
G
C
E
Tube
UG25N120L-T47-T
UG25N120G-T47-T
TO-247
G
C
E
Tube
Note: Pin Assignment: G: Gate
C: Collector
E: Emitte
UG25N120L-TA3-T
(1)Packing Type
(2)Package Type
(1) T: Tube
(2) TA3: TO-220, T47: TO-247
(3) L: Lead Free, G: Halogen Free
(3)Lead Free
MARKING


Similar Part No. - UG25N120G-T47-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UG25N45 UTC-UG25N45 Datasheet
184Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
UG25N45-TA3-T UTC-UG25N45-TA3-T Datasheet
184Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
UG25N45-TA3-T UTC-UG25N45-TA3-T Datasheet
174Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
UG25N45G-TA3-T UTC-UG25N45G-TA3-T Datasheet
184Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
UG25N45G-TA3-T UTC-UG25N45G-TA3-T Datasheet
174Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - UG25N120G-T47-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
   1200V NPT Trench IGBT
logo
SemiHow Co.,Ltd.
HIH25N120TN SEMIHOW-HIH25N120TN Datasheet
870Kb / 8P
   1200V NPT Trench IGBT
logo
Fairchild Semiconductor
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_07 Datasheet
938Kb / 10P
   1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_1 Datasheet
2Mb / 10P
   1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD Datasheet
843Kb / 9P
   1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD Datasheet
867Kb / 9P
   1200V NPT Trench IGBT
FGA25N12ANTD FAIRCHILD-FGA25N12ANTD Datasheet
861Kb / 9P
   1200V NPT Trench IGBT
logo
Wuxi NCE Power Semicond...
NCE25GD120P NCEPOWER-NCE25GD120P Datasheet
328Kb / 8P
   1200V, 25A, Trench NPT IGBT
NCE15GD120T NCEPOWER-NCE15GD120T Datasheet
237Kb / 8P
   1200V, 15A, Trench NPT IGBT
NCE25G120T NCEPOWER-NCE25G120T Datasheet
433Kb / 8P
   1200V, 25A, Trench NPT IGBT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com